Zakładka z wyszukiwarką danych komponentów |
|
FDZ661PZ Arkusz danych(PDF) 8 Page - Fairchild Semiconductor |
|
FDZ661PZ Arkusz danych(HTML) 8 Page - Fairchild Semiconductor |
8 / 12 page High-Voltage Blocking Capability Without Sacrificing Performance The challenge of improving energy efficiency with heat and thermal regulation, while keepingcomponentcountlow,justbecameeasier.Fairchild’sFGAxxN65SMDseries of 650V IGBTs for photovoltaic inverter applications addresses this need— without sacrificing performance. Fairchild’s Field Stop IGBT technology enables designers to develop a highly reliable system design with higher input voltage while offering optimum performance where low conduction and switching losses are essential. This functionality means designs benefit from high current handling capability, positive temperature coefficient, tight parameter distribution and a wide safe operating area. Advantages • Positivetemperature co-efficientforeasyparallel operation • High-currentcapability enableshighpower DC-ACconversion • Maximumjunction temperature:T J=175ºC • Lowsaturationvoltage: V CE(sat)=1.9V(typical)@ I C=40A/60Aratedcurrent • Fastswitchingspeed allowsthesystemto maintainhighefficiency • Lowconductionand switchingloss • WideSOA(SafeOperating Area)—allowsforhigher powerdissipation • Tightparameterdistribution Applications • SolarPVinverter •Microconvertersystems •Centralinvertersystems •Microinvertersystems • UPS,SMPS,welderand PFCapplications For more information, please visit: fairchildsemi.com/pf/FG/FGA40N65SMD.html fairchildsemi.com/pf/FG/FGA60N65SMD.html fairchildsemi.com/applications/ solar-inverter/index.html fairchildsemi.com/onlineseminars/ Q1 Q2 Q3 Grid Q4 CEC (California Energy Commission) Weighted Efficiency–Tested in PV Inverter System Application Diagram of Central MPPT System (Full-bridge Inverter) 650V iGBTs 40/60/80V PowerTrench® MOSFeTs 98.00 97.00 96.00 95.00 94.00 93.00 92.00 91.00 300 600 900 1500 2250 3000 40N65SMD 40N60SMD Competitor A Competitor B P OUT (Output Power) (W) Product Number BV CeS (V) i C @ 100°C (A) V ce(sat) Typ @ 25°C, 15V (V) e OFF Typ @ 25°C (mJ) P D @ 25°C (W) V F Typ @ 25°C (V) t rr Typ @ 25°C (ns) T J (max) (°C) Package FGA40N65SMD 650 40 1.9 0.26 349 2.1@ 20A 42 @ 20A 175 TO-3PN FGA60N65SMD 650 60 1.9 0.45 600 2.1@ 30A 47 @ 30A 175 TO-3PN |
Podobny numer części - FDZ661PZ |
|
Podobny opis - FDZ661PZ |