Zakładka z wyszukiwarką danych komponentów |
|
FDZ663P Arkusz danych(PDF) 5 Page - Fairchild Semiconductor |
|
FDZ663P Arkusz danych(HTML) 5 Page - Fairchild Semiconductor |
5 / 12 page Highest Power Efficiency with the DrMOS Family GeNeRATiON iii XS™ DrMOS FAMilY Advantages • 93%atpeakand91%at30A, 500KHzfrequency;12V IN,1VOUT • 90%atpeakand88%at30A, 1MHzfrequency;12V IN,1VOUT • Highcurrenthandling: 60A@100°CT J • Capableofoperatingupto 1.5MHzswitchingfrequency • Eliminatesneedfora heatsinkintypicaldesigns Applications • NotebookorUltraBook™ powersystems For more information, please visit: fairchildsemi.com/pf/FD/FDMF6820A.html fairchildsemi.com/pf/FD/FDMF6820B.html fairchildsemi.com/pf/FD/FDMF6820C.html fairchildsemi.com/pf/FD/FDMF6823A.html fairchildsemi.com/pf/FD/FDMF6823B.html fairchildsemi.com/pf/FD/FDMF6823C.html fairchildsemi.com/pf/FD/FDMF6833C.html fairchildsemi.com/pf/FD/FDMF6708N.html Achieve improved efficiency with >1MHz switching frequencies, increased maxi- mum load current and greater power density with Fairchild’s Generation III XS™ DrMOS multi-chip mode module family. The FDMF68xx family achieves effi- ciency standards targets, while providing up to 60A per phase in a 6mm x 6mm PQFN package. Both 3.3V and 5V Tri-State PWM input voltages for digital and analog PWM controllers, and a 30V device option make the DrMOS family a good choice for use in UltraBook™ systems. Designed to enable a reduced inductor and output capacitor count, the FDMF68xx series saves up to 50% of board space as compared to conventional discrete solutions. The FDMF68xx series dramatically reduces switch ringing, using Fairchild’s high-performance PowerTrench® MOSFET technology, elimi- nating the need for using a snubber circuit in most buck converter applications. FDMS68xx Generation III XS™ Multi-chip Mode Module Family Product Number i OuT (A) PWM input Thermal Protection SMOD or ZCD MOSFeT BV DSS eff. @ 30A, 12V iN, 1V OuT, 500KHz eff. @ 40A, 12V iN, 1V OuT, 500KHz 3.3V Tri-State FDMF6820A 60 3.3V Tri-State Warning SMOD 25 91.1% 89.2% FDMF6820B 55 3.3V Tri-State Warning SMOD 25 90.8% 88.6% FDMF6820C 50 3.3V Tri-State Warning SMOD 25 90% 87.4% 5V Tri-State FMDF6823A 60 5V Tri-State Warning SMOD 25 91.1% 89.2% FMDF6823B 55 5V Tri-State Warning SMOD 25 90.8% 88.6% FMDF6823C 50 5V Tri-State Warning SMOD 25 90% 87.4% 30 BV DSS FDMF6833C 50 5V Tri-State Warning SMOD 30 89.3% 86.1% Notebook FDMF6708N 45 5V Tri-State Warning ZCD 30 87.6% 84.4% |
Podobny numer części - FDZ663P |
|
Podobny opis - FDZ663P |