Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADF4360-9BCPZRL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części ADF4360-9BCPZRL7
Szczegółowy opis  Clock Generator PLL with Integrated VCO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADF4360-9BCPZRL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button ADF4360-9BCPZRL7 Datasheet HTML 3Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 4Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 5Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 6Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 7Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 8Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 9Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 10Page - Analog Devices ADF4360-9BCPZRL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
ADF4360-9
Rev. B | Page 7 of 24
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
PIN 1
INDICATOR
1
CPGND
2
AVDD
3
AGND
4
RFOUTA
5
RFOUTB
6
VVCO
15 DGND
16 REFIN
17 CLK
18 DATA
14 CN
13 RSET
TOP VIEW
(Not to Scale)
ADF4360-9
NOTE
THE EXPOSED PADDLE MUST BE CONNECTED TO AGND.
Figure 3. Pin Configuration
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
CPGND
Charge Pump Ground. This is the ground return path for the charge pump.
2
AVDD
Analog Power Supply. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. AVDD must have the same value as DVDD.
3, 8, 11, 22
AGND
Analog Ground. This is the ground return path of the prescaler and VCO.
4
RFOUTA
VCO Output. The output level is programmable from 0 dBm to −9 dBm. See the Output Matching section for a
description of the various output stages.
5
RFOUTB
VCO Complementary Output. The output level is programmable from 0 dBm to −9 dBm. See the Output
Matching section for a description of the various output stages.
6
VVCO
Power Supply for the VCO. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the analog ground plane
should be placed as close as possible to this pin. VVCO must have the same value as AVDD.
7
VTUNE
Control Input to the VCO. This voltage determines the output frequency and is derived from filtering the CP
output voltage.
9
L1
An external inductor to AGND should be connected to this pin to set the ADF4360-9 output frequency. L1 and
L2 need to be the same value. A 470 Ω resistor should be added in parallel to AGND.
10
L2
An external inductor to AGND should be connected to this pin to set the ADF4360-9 output frequency. L1 and
L2 need to be the same value. A 470 Ω resistor should be added in parallel to AGND.
12
CC
Internal Compensation Node. This pin must be decoupled to ground with a 10 nF capacitor.
13
RSET
Connecting a resistor between this pin and CPGND sets the maximum charge pump output current for the
synthesizer. The nominal voltage potential at the RSET pin is 0.6 V. The relationship between ICP and RSET is
ICPmax = 11.75/RSET
For example, RSET = 4.7 kΩ and ICPmax = 2.5 mA.
14
CN
Internal Compensation Node. This pin must be decoupled to VVCO with a 10 μF capacitor.
15
DGND
Digital Ground.
16
REFIN
Reference Input. This is a CMOS input with a nominal threshold of VDD/2 and a dc equivalent input resistance of
100 kΩ (see Figure 16). This input can be driven from a TTL or CMOS crystal oscillator, or it can be ac-coupled.
17
CLK
Serial Clock Input. This serial clock is used to clock in the serial data to the registers. The data is latched into the
24-bit shift register on the CLK rising edge. This input is a high impedance CMOS input.
18
DATA
Serial Data Input. The serial data is loaded MSB first with the two LSBs being the control bits. This input is a
high impedance CMOS input.
19
LE
Load Enable, CMOS Input. When LE goes high, the data stored in the shift registers is loaded into one of the
four latches, and the relevant latch is selected using the control bits.
20
DIVOUT
This output allows the user to select VCO frequency divided by A or VCO frequency divided by 2A.
Alternatively, the scaled RF, or the scaled reference frequency, can be accessed externally through this output.
21
DVDD
Digital Power Supply. This ranges from 3.0 V to 3.6 V. Decoupling capacitors to the digital ground plane should
be placed as close as possible to this pin. DVDD must have the same value as AVDD.
23
LD
Lock Detect. The output on this pin is logic high to indicate that the part is in lock. Logic low indicates loss of lock.
24
CP
Charge Pump Output. When enabled, this provides ±ICP to the external loop filter, which in turn drives the
internal VCO.
EP
Exposed Pad. The exposed pad must be connected to AGND.


Podobny numer części - ADF4360-9BCPZRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-9BCPZRL7 AD-ADF4360-9BCPZRL7 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
More results

Podobny opis - ADF4360-9BCPZRL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADF4360-9 AD-ADF4360-9_16 Datasheet
533Kb / 24P
   Clock Generator PLL with Integrated VCO
HMC1034LP6GE AD-HMC1034LP6GE Datasheet
921Kb / 14P
   CLOCK GENERATOR WITH FRACTIONAL-N PLL INTEGRATED VCO, 125 - 3000 MHz
HMC1032LP6GE AD-HMC1032LP6GE Datasheet
1Mb / 12P
   CloCk Generator with FraCtional-N PLL & inteGrated VCo, 125 - 350 Mhz
logo
Asahi Kasei Microsystem...
AK8185A AKM-AK8185A Datasheet
190Kb / 12P
   Low - Jitter Clock Generator with Integrated VCO
AK8186B AKM-AK8186B Datasheet
1Mb / 69P
   Multi Output Clock Generator with Integrated 2.0GHz VCO
logo
Analog Devices
AD9516-0 AD-AD9516-0 Datasheet
76Kb / 2P
   14-Channel Clock Generator with Integrated 2.8 GHz VCO
Rev. prA
AD9517-2 AD-AD9517-2_15 Datasheet
1Mb / 80P
   12-Output Clock Generator with Integrated 2.2 GHz VCO
Rev. E
AD9518-4 AD-AD9518-4_15 Datasheet
1Mb / 61P
   6-Output Clock Generator with Integrated 1.6 GHz VCO
Rev. D
AD9516-4 AD-AD9516-4 Datasheet
1Mb / 84P
   14-Output Clock Generator with Integrated 1.6 GHz VCO
REV. 0
AD9516-3 AD-AD9516-3 Datasheet
957Kb / 84P
   14-Output Clock Generator with Integrated 2.0 GHz VCO
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24