Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

54ACTQ32QML Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części 54ACTQ32QML
Szczegółowy opis  54ACTQ32QML Quiet Series Quad 2-Input OR Gate
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

54ACTQ32QML Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button 54ACTQ32QML Datasheet HTML 3Page - Texas Instruments 54ACTQ32QML Datasheet HTML 4Page - Texas Instruments 54ACTQ32QML Datasheet HTML 5Page - Texas Instruments 54ACTQ32QML Datasheet HTML 6Page - Texas Instruments 54ACTQ32QML Datasheet HTML 7Page - Texas Instruments 54ACTQ32QML Datasheet HTML 8Page - Texas Instruments 54ACTQ32QML Datasheet HTML 9Page - Texas Instruments 54ACTQ32QML Datasheet HTML 10Page - Texas Instruments 54ACTQ32QML Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
54ACTQ32–QMLV RH Electrical Characteristics (Continued)
Delta Parameters
The following conditions apply, unless otherwise specified.
Burn-in and operating life test, Delta parameters (+25˚C)
Symbol
Parameter
Conditions
Notes
Min
Max
Units
Sub-
groups
I
CCH
Quiescent supply current
(Note 11),
(Note 12)
±100
nA
1
I
CCL
Quiescent supply current
(Note 11),
(Note 12)
±100
nA
1
Note 1: Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met, without exception,
to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. National does not recommend operation of
FACTcircuits outside databook specifications.
Note 2: Screen tested 100% on each device @ +25˚C & +125˚C temperature, Subgroup 1, 2,7&8.
Note 3: Sample tested (TM5005, Table 1) on each manufacturing lot @ +25˚C, +125˚C, & −55˚C, Subgroups A1, 2, 3, 7, & 8
Note 4: Screen tested 100% on each device @ +25˚C, only. Subgroup A9.
Note 5: Sample tested (TM5005, Table 1) on each manufacturing lot @ +25˚C, +125˚C, & −55˚C temperature, Subgroups A9, 10 & 11
Note 6: Transmission line driving test, guardbanded limits set for +25˚C, 2mS duration maximum
Note 7: Guaranteed but not tested. Design characterization data
Note 8: +25˚C, & +125˚C minimum limits guaranteed for 5.5V by guardbanding 4.5V minimum limits.
Note 9: Maximum number of outputs defined as (n) switching. Data inputs are driven 0V to 3V. One output @ VOL
Note 10: Maximum number of data inputs (n) switching. (n-1) inputs switching 0V to 3V. Input-Under-Test switching 3V to threshold (VILD, 0V to threshold VIHD
= 1MHz
Note 11: These parameters shall be recorded before and after the required burn-in and life tests to determine the delta limits.
Note 12: This limit may not be production tested.
www.national.com
6


Podobny numer części - 54ACTQ32QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
More results

Podobny opis - 54ACTQ32QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
54ACTQ32 NSC-54ACTQ32 Datasheet
111Kb / 6P
   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ32 FAIRCHILD-74ACTQ32 Datasheet
156Kb / 7P
   Quiet Series Quad 2-Input OR Gate
logo
Texas Instruments
54ACTQ32QML TI1-54ACTQ32QML_13 Datasheet
74Kb / 6P
[Old version datasheet]   Quiet Series Quad 2-Input OR Gate
logo
Fairchild Semiconductor
74ACTQ00 FAIRCHILD-74ACTQ00 Datasheet
98Kb / 7P
   Quiet Series??Quad 2-Input NAND Gate
74ACTQ08 FAIRCHILD-74ACTQ08_07 Datasheet
220Kb / 8P
   Quiet Series??Quad 2-Input AND Gate
74ACTQ08 FAIRCHILD-74ACTQ08 Datasheet
81Kb / 7P
   Quiet Series??Quad 2-Input AND Gate
logo
National Semiconductor ...
54ACTQ08 NSC-54ACTQ08 Datasheet
106Kb / 5P
   Quiet Series Quad 2-Input AND Gate
logo
Toshiba Semiconductor
TC4071BP TOSHIBA-TC4071BP Datasheet
181Kb / 5P
   QUAD 2 INPUT OR GATE
logo
Intersil Corporation
CD54AC32 INTERSIL-CD54AC32 Datasheet
14Kb / 1P
   Quad 2-Input OR Gate
June 1997
logo
National Semiconductor ...
54F32 NSC-54F32 Datasheet
128Kb / 6P
   Quad 2-Input OR Gate
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com