Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC900TPWRQ1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części DAC900TPWRQ1
Szczegółowy opis  10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

DAC900TPWRQ1 Arkusz danych(HTML) 1 Page - Texas Instruments

  DAC900TPWRQ1 Datasheet HTML 1Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 2Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 3Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 4Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 5Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 6Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 7Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 8Page - Texas Instruments DAC900TPWRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
DAC900-Q1
www.ti.com
SBAS505 – JUNE 2010
10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
Check for Samples: DAC900-Q1
1
FEATURES
APPLICATIONS
Communication Transmit Channels
Qualified for Automotive Applications
WLL, Cellular Base Station
Single +5V OR +3V Operation
Digital Microwave Links
High SFDR: 5MHz Output at 100MSPS: 68dBc
Cable Modems
Low Glitch: 3pV-s
Waveform Generation
Low Power: 170mW at +5V
Direct Digital Synthesis (DDS)
Internal Reference: Optional External
Arbitrary Waveform Generation (ARB)
Reference Adjustable Full-Scale Range
Medical/Ultrasound
Multiplying Option
High-Speed Instrumentation and Control
Latch-Up Performance Meets 100 mA
Video, Digital TV
Per JESD 78, Class I
DESCRIPTION
The DAC900 is a high-speed, Digital-to-Analog Converter (DAC) offering a 10-bit resolution option within the
SpeedPlus family of high-performance converters. Featuring pin compatibility among family members, the
DAC908, DAC902, and DAC904 provide a component selection option to an 8-, 12-, and 14-bit resolution,
respectively. All models within this family of DACs support update rates in excess of 165MSPS with excellent
dynamic performance, and are especially suited to fulfill the demands of a variety of applications.
The advanced segmentation architecture of the DAC900 is optimized to provide a high Spurious-Free Dynamic
Range (SFDR) for single-tone, as well as for multi-tone signals—essential when used for the transmit signal path
of communication systems.
The DAC900 has a high impedance (200k
Ω) current output with a nominal range of 20mA and an output
compliance of up to 1.25V. The differential outputs allow for both a differential or singleended analog signal
interface. The close matching of the current outputs ensures superior dynamic performance in the differential
configuration, which can be implemented with a transformer.
Utilizing a small geometry CMOS process, the monolithic DAC900 can be operated on a wide, single-supply
range of +2.7V to +5.5V. Its low power consumption allows for use in portable and batteryoperated systems.
Further optimization can be realized by lowering the output current with the adjustable full-scale option.
For noncontinuous operation of the DAC900, a power-down mode results in only 45mW of standby power.
The DAC900 comes with an integrated 1.24V bandgap reference and edge-triggered input latches, offering a
complete converter solution. Both +3V and +5V CMOS logic families can be interfaced to the DAC900.
The reference structure of the DAC900 allows for additional flexibility by utilizing the on-chip reference, or
applying an external reference. The full-scale output current can be adjusted over a span of 2mA to 20mA, with
one external resistor, while maintaining the specified dynamic performance.
The DAC900 is available in a TSSOP-28 (PW) package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - DAC900TPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Burr-Brown (TI)
DAC900 BURR-BROWN-DAC900 Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900 TI1-DAC900 Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC900E BURR-BROWN-DAC900E Datasheet
192Kb / 16P
   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC900E TI1-DAC900E Datasheet
798Kb / 24P
[Old version datasheet]   10-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
More results

Podobny opis - DAC900TPWRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
DAC900-Q1 TI-DAC900-Q1_15 Datasheet
720Kb / 29P
[Old version datasheet]   10-BIT 165-MSPS DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
ADS1610 BURR-BROWN-ADS1610_07 Datasheet
666Kb / 26P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
ADS1610 BURR-BROWN-ADS1610 Datasheet
937Kb / 28P
   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1610 TI1-ADS1610_14 Datasheet
1Mb / 30P
[Old version datasheet]   16-Bit, 10 MSPS ANALOG-TO-DIGITAL CONVERTER
DAC5652-EP TI-DAC5652-EP_15 Datasheet
636Kb / 28P
[Old version datasheet]   DUAL 10-BIT, 200 MSPS, DIGITAL-TO-ANALOG CONVERTER
DAC5652A TI1-DAC5652A_18 Datasheet
1Mb / 34P
[Old version datasheet]   Dual, 10-Bit, 275-MSPS Digital-to-Analog Converter
DAC5652 TI1-DAC5652 Datasheet
642Kb / 27P
[Old version datasheet]   DUAL, 10-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
THS5651A TI-THS5651A Datasheet
737Kb / 30P
[Old version datasheet]   10-BIT, 125 MSPS, CommsDACE DIGITAL-TO-ANALOG CONVERTER
logo
NXP Semiconductors
TDA8776 PHILIPS-TDA8776 Datasheet
153Kb / 20P
   10-bit, 500 Msps Digital-to-Analog Converter DAC
1996 Jun 04
logo
Texas Instruments
DAC5652-EP TI1-DAC5652-EP Datasheet
643Kb / 27P
[Old version datasheet]   DUAL 10-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com