Zakładka z wyszukiwarką danych komponentów |
|
CD0623G4 Arkusz danych(PDF) 4 Page - Cooper Bussmann, Inc. |
|
CD0623G4 Arkusz danych(HTML) 4 Page - Cooper Bussmann, Inc. |
4 / 55 page Low Voltage Fuse Links Catalogue For Product Data Sheets, visit www.cooperbussmann.com Offset Bolted Tags 240 - 550V ac / 2 - 32A Specifications Description: Fuse Links for general industrial applications with Q1 fusing factor - general purpose (gG) and motor protection (gM) characteristics Applications: General Industrial & Motors applications NITD 550V ac (gG) / 2 - 32A 415V ac (gM) Industrial & Motor Applications to BS88 Ratings: Agency information: Meets BS88: Part 1 & 2 (1988), IEC 269: Parts 1 (1986) RoHS Compliant AAO 550V ac / 2 - 32A Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 2 NITD2 gG A1 44 20 4 NITD4 6 NITD6 10 NITD10 16 NITD16 20 NITD20 25 NITD25 32 NITD32 20M25 NITD20M25 gM 20M32 NITD20M32 32M40 NITD32M40 32M50 NITD32M50 32M63 NITD32M63 Part No Dimensions (mm) A B C D E F G NITD 55.0 44 34.6 11.2 13.8 0.8 14.0 NITD32M 35.6 17.5 1.2 18.5 Dimensions Part No Dimensions (mm) A B C D E F G H J AAO 85 73 35.5 13.7 14 1.2 8.7 8.0 5.5 AAO32M 54.5 21 22.3 Catalogue Numbers Rating (A) Catalogue Number Class BS Ref Fixing Centres mm Unit Packing 2 AAO2 gG A2 73 20 4 AAO4 6 AAO6 10 AAO10 16 AAO16 20 AAO20 25 AAO25 32 AAO32 32M40 AAO32M40 gM 32M50 AAO32M50 32M63 AAO32M63 Fuseholders: CAMASTER CM32FC, see page 20 Dimensions Fuseholders: CAMASTER CM32F, see page 20 Volts: - 415 - 550V ac Amps: - 2 - 32A IR - 80kA @ 415/550V ac Catalogue Numbers Data Sheet: 4106 Data Sheet: 4109 5 |
Podobny numer części - CD0623G4 |
|
Podobny opis - CD0623G4 |