Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF198JAN Arkusz danych(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Numer części LF198JAN
Szczegółowy opis  LF198JAN Monolithic Sample-and-Hold Circuits
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF198JAN Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LF198JAN Datasheet HTML 2Page - Texas Instruments LF198JAN Datasheet HTML 3Page - Texas Instruments LF198JAN Datasheet HTML 4Page - Texas Instruments LF198JAN Datasheet HTML 5Page - Texas Instruments LF198JAN Datasheet HTML 6Page - Texas Instruments LF198JAN Datasheet HTML 7Page - Texas Instruments LF198JAN Datasheet HTML 8Page - Texas Instruments LF198JAN Datasheet HTML 9Page - Texas Instruments LF198JAN Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Electrical Characteristics (Continued)
DC Parameters (Continued)
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
I
OS-
Output Short Circuit Current
+V
CC = 15V, -VCC = -15V,
V
CM =0V
25
mA
1, 2, 3
I
CH+
Hold Capacitor Charge Current
+V
CC = 15V, -VCC = -15V,
V
CM =0V
-3.0
mA
1
-2.0
mA
2, 3
I
CH-
Hold Capacitor Charge Current
+V
CC = 15V, -VCC = -15V,
V
CM =0V
3.0
mA
1
2.0
mA
2, 3
V
Th(H)
Differential Logic Threshold
+V
CC = 15V, -VCC = -15V,
V
CM =0V
Logic = 2.0V, Logic Ref = 2.0V
1.0
mA
1, 2, 3
V
Th(L)
Differential Logic Threshold
+V
CC = 15V, -VCC = -15V,
V
CM =0V
Logic = 0.8V, Logic Ref = 2.0V
-10
10
µA
1, 2, 3
I
HL+
Hold Mode Leakage Current
+V
CC = 3.5V, -VCC = -26.5V,
V
CM = -11.5V
(Note 5)
-0.100 0.100
nA
1
-50
50
nA
2
I
HL-
Hold Mode Leakage Current
+V
CC
= 26.5V, -V
CC
= -3.5V,
V
CM = 11.5V
(Note 5)
-0.100 0.100
nA
1
-50
50
nA
2
Z
O
Output Impedance
+V
CC = 15V, -VCC = -15V,
V
CM =0V
2.0
1, 2, 3
V
HS
(HOLD) Step Voltage
+V
CC
= 3.5V, -V
CC
= -26.5V,
V
CM = 11.5V
(Note 4)
-2.0
2.0
mV
1
-5.0
5.0
mV
2, 3
+V
CC
= 26.5V, -V
CC
= -3.5V,
V
CM = -11.5V
(Note 4)
-2.0
2.0
mV
1
-5.0
5.0
mV
2, 3
F
RR
Feedthrough Rejection Ratio
+V
CC = 15V, -VCC = -15V,
V
CM = 0V, VI = 0V to 11.5V
86
dB
1
80
dB
2, 3
+V
CC = 15V, -VCC = -15V,
V
CM = 0V, VI = 11.5V to 0V
86
dB
1
80
dB
2, 3
+V
CC = 15V, -VCC = -15V,
V
CM = 0V, VI = 0V to -11.5V
86
dB
1
80
dB
2, 3
+V
CC = 15V, -VCC = -15V,
V
CM = 0V, VI = -11.5V to 0V
86
dB
1
80
dB
2, 3
AC/DC Parameters
Symbol
Parameter
Conditions
Notes
Min
Max
Unit
Sub-
groups
Delta V
IO /
Delta T
Input Offset Voltage Temp
Sensitivity
-20
20
µV/˚C
8A, 8B
T
AQ
Aquisition Time
+V
CC = 15V, -VCC = -15V
25
µS
7
T
AP
Aperture Time
+V
CC = 15V, -VCC = -15V
300
nS
7
T
S
Settling Time
+V
CC = 15V, -VCC = -15V
1.5
µS
7
F
RR AC
Feedthrough Rejection Ratio
+V
CC = 15V, -VCC = -15V,
V
I = 20Vpp
86
dB
7
TR
TS
Transient Response (settling
time)
+V
CC = 3.5V, -VCC = -26.5V,
V
I = 100mV pulse
2.5
µS
7
+V
CC = 26.5V, -VCC = -3.5V,
V
I = 100mV pulse
2.5
µS
7
www.national.com
5


Podobny numer części - LF198JAN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LF198JAN TI-LF198JAN Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN-SP TI1-LF198JAN-SP Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results

Podobny opis - LF198JAN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
M38510 TI-M38510 Datasheet
988Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN_13 Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com