Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LF398A Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LF398A
Szczegółowy opis  LF198/LF298/LF398, LF198A/LF398A Monolithic Sample-and-Hold Circuits
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LF398A Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LF398A Datasheet HTML 2Page - Texas Instruments LF398A Datasheet HTML 3Page - Texas Instruments LF398A Datasheet HTML 4Page - Texas Instruments LF398A Datasheet HTML 5Page - Texas Instruments LF398A Datasheet HTML 6Page - Texas Instruments LF398A Datasheet HTML 7Page - Texas Instruments LF398A Datasheet HTML 8Page - Texas Instruments LF398A Datasheet HTML 9Page - Texas Instruments LF398A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Typical Performance Characteristics (Continued)
Logic Input Configurations
Input Bias Current
DS005692-29
Feedthrough Rejection Ratio
(Hold Mode)
DS005692-30
Hold Step vs Input Voltage
DS005692-31
Output Transient at Start
of Sample Mode
DS005692-12
Output Transient at Start
of Hold Mode
DS005692-13
TTL & CMOS
3V
≤ V
LOGIC (Hi State) ≤ 7V
DS005692-33
Threshold = 1.4V
DS005692-34
Threshold = 1.4V
*Select for 2.8V at pin 8
www.national.com
5


Podobny numer części - LF398A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LF398A NSC-LF398A Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Linear Technology
LF398A LINER-LF398A Datasheet
1Mb / 16P
   Precision Sample and Hold Amplifier
logo
Texas Instruments
LF398A-N TI1-LF398A-N Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF398A-N TI1-LF398A-N Datasheet
3Mb / 38P
[Old version datasheet]   LFx98x Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF398AH NSC-LF398AH Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
More results

Podobny opis - LF398A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
LF398N ETC-LF398N Datasheet
257Kb / 7P
   MONOLITHIC SAMPLE AND HOLD CIRCUITS
logo
Texas Instruments
LF198QML TI1-LF198QML_14 Datasheet
1Mb / 22P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF198-N TI1-LF198-N_16 Datasheet
2Mb / 33P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
LF298-MIL TI1-LF298-MIL Datasheet
2Mb / 28P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
National Semiconductor ...
LF198 NSC-LF198 Datasheet
520Kb / 13P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF298MX TI1-LF298MX Datasheet
564Kb / 15P
[Old version datasheet]   Monolithic Sample-and-Hold Circuits
logo
JSC ALFA.
1100CK2 ALFA-1100CK2 Datasheet
368Kb / 4P
   Monolithic Sample-and-Hold Circuits
logo
Texas Instruments
LF198QML TI1-LF198QML Datasheet
994Kb / 20P
[Old version datasheet]   LF198QML Monolithic Sample-and-Hold Circuits
JM38510-12501BGA TI-JM38510-12501BGA Datasheet
1,015Kb / 21P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
LF198JAN TI1-LF198JAN Datasheet
966Kb / 19P
[Old version datasheet]   LF198JAN Monolithic Sample-and-Hold Circuits
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com