Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV373 Arkusz danych(PDF) 3 Page - System Logic Semiconductor

Numer części 74LV373
Szczegółowy opis  OCTAL D-TYPE TRANSPARENT LATCH(3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLS [System Logic Semiconductor]
Strona internetowa  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LV373 Arkusz danych(HTML) 3 Page - System Logic Semiconductor

  74LV373 Datasheet HTML 1Page - System Logic Semiconductor 74LV373 Datasheet HTML 2Page - System Logic Semiconductor 74LV373 Datasheet HTML 3Page - System Logic Semiconductor 74LV373 Datasheet HTML 4Page - System Logic Semiconductor 74LV373 Datasheet HTML 5Page - System Logic Semiconductor 74LV373 Datasheet HTML 6Page - System Logic Semiconductor 74LV373 Datasheet HTML 7Page - System Logic Semiconductor 74LV373 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
SL74LV373
System Logic
Semiconductor
SLS
DC CHARACTERISTICS
Test
VCC,
Limits
Symbol
Parameter
conditions
V
25
°C
-40
°C to 85°C
125
°C
Unit
min max
min
max
min
max
VIH
HIGH level
voltage
VO = VCC-0.1 V
1.2
2.0
3.0
3.6
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
0.9
1.4
2.1
2.5
-
-
-
-
V
VIL
LOW level
voltage
VO =0.1 V
1.2
2.0
3.0
3.6
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
-
-
-
-
0.3
0.6
0.9
1.1
V
VOH
HIGH level
output voltage
VI = VIH or VIL
IO = -50
µÀ
1.2
2.0
3.0
3.6
1.1
1.92
2.92
3.52
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
1.0
1.9
2.9
3.5
-
-
-
-
V
VI = VIH or VIL
IO = -8 mÀ
3.0
2.48
-
2.34
-
2.20
-
V
VOL
LOW level
output voltage
VI = VIH or VIL
IO = 50
µÀ
1.2
2.0
3.0
3.6
-
-
-
-
0.09
0.09
0.09
0.09
-
-
-
-
0.1
0.1
0.1
0.1
-
-
-
-
0.1
0.1
0.1
0.1
V
VI = VIH or VIL
IO = 8 mÀ
3.0
-
0.33
-
0.4
-
0.5
V
II
Input current
VI = VCC or 0 V
3.6
-
±0.1
-
±1.0
-
±1.0
µÀ
IOZ
OFF-state
output current
3-state outputs
VI = VIL or VIH
VO =VCC or
0 V
3.6
-
±0.5
-
±5
-
±10
µÀ
ICC
Supply current
VI =VCC or 0 V
IO = 0
µÀ
3.6
-
8.0
-
80
-
160
µÀ


Podobny numer części - 74LV373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV373 PHILIPS-74LV373 Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373D PHILIPS-74LV373D Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373DB PHILIPS-74LV373DB Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373N PHILIPS-74LV373N Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373PW PHILIPS-74LV373PW Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
More results

Podobny opis - 74LV373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com