Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

74LV373 Arkusz danych(PDF) 2 Page - System Logic Semiconductor

Numer części 74LV373
Szczegółowy opis  OCTAL D-TYPE TRANSPARENT LATCH(3-State)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SLS [System Logic Semiconductor]
Strona internetowa  http://www.slsemicon.co.kr/e_index.htm
Logo SLS - System Logic Semiconductor

74LV373 Arkusz danych(HTML) 2 Page - System Logic Semiconductor

  74LV373 Datasheet HTML 1Page - System Logic Semiconductor 74LV373 Datasheet HTML 2Page - System Logic Semiconductor 74LV373 Datasheet HTML 3Page - System Logic Semiconductor 74LV373 Datasheet HTML 4Page - System Logic Semiconductor 74LV373 Datasheet HTML 5Page - System Logic Semiconductor 74LV373 Datasheet HTML 6Page - System Logic Semiconductor 74LV373 Datasheet HTML 7Page - System Logic Semiconductor 74LV373 Datasheet HTML 8Page - System Logic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
SL74LV373
System Logic
Semiconductor
SLS
ABSOLUTE MAXIMUM RATINGS*
Symbol
Parameter
Rating
Unit
VCC
Supply voltage
-0.5 to +5.0
V
IIK *
1
Input diode current
±20
IOK *
2
Output diode current
±50
IO *
3
Output source or sink current
±35
ICC
VCC current
±70
IGND
GND current
±70
PD
Power dissipation per package:
Plastic DIP *
4
SOIC *
4
750
500
mW
Tstg
Storage temperature range
-65 to +150
°C
*
In absolute maximum ratings modes functioning is not guaranteed. Upon lifting the absolute
maximum ratings functioning is guarateed at the recommended operatng conditions.
*
1 Provided V
I < -0.5 V or VI > VCC + 0.5 V.
*
2 Provided V
O < -0.5 V or VO > VCC + 0.5 V.
*
3 Provided -0.5 V < V
O < VCC + 0.5 V.
*
4 When operating in the temperature range of 70
°Ñ to 125°C power dissipation value decreses:
- for Plastic DIP by 12 mW/
°C
- for SOIC by 8 mW/
°C
RECOMMENDED OPERAING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
Supply voltage
1.2
3.6
V
VIN
Input voltage
0
VCC
V
VOUT
Output voltage
0
VCC
V
TA
Operating ambient temperature range.
For all types of packages
-40
125
°C
tLH, tHL
Input rise and fall times
VCC =1.2 V
VCC =2.0 V
VCC =3.0 V
VCC =3.6 V
0
1000
700
500
400
ns


Podobny numer części - 74LV373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
74LV373 PHILIPS-74LV373 Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373D PHILIPS-74LV373D Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373DB PHILIPS-74LV373DB Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373N PHILIPS-74LV373N Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
74LV373PW PHILIPS-74LV373PW Datasheet
123Kb / 12P
   Octal D-type transparent latch 3-State
1998 Jun 10
More results

Podobny opis - 74LV373

ProducentNumer częściArkusz danychSzczegółowy opis
logo
System Logic Semiconduc...
SL74LV573 SLS-SL74LV573 Datasheet
43Kb / 6P
   OCTAL D-TYPE TRANSPARENT LATCH (3-State)
logo
NXP Semiconductors
74ALVC373 PHILIPS-74ALVC373 Datasheet
97Kb / 20P
   Octal D-type transparent latch 3-state
2002 Feb 26
74ALVC573 PHILIPS-74ALVC573 Datasheet
108Kb / 20P
   Octal D-type transparent latch 3-state
2003 Jun 25
74ALVC373 PHILIPS-74ALVC373_15 Datasheet
109Kb / 17P
   Octal D-type transparent latch; 3-state
Rev. 02-18 October 2007
74HC_HCT573 PHILIPS-74HC_HCT573_15 Datasheet
232Kb / 21P
   Octal D-type transparent latch; 3-state
Rev. 6-26 January 2015
logo
KODENSHI_AUK CORP.
KK74LV373 KODENSHI-KK74LV373 Datasheet
330Kb / 6P
   Octal D-type transparent latch; 3-state
KK74LV374 KODENSHI-KK74LV374 Datasheet
328Kb / 6P
   Octal D-type transparent latch; 3-state
logo
List of Unclassifed Man...
74HC373 ETC1-74HC373 Datasheet
243Kb / 5P
   OCTAL D-TYPE TRANSPARENT LATCH 3-STATE
logo
IK Semicon Co., Ltd
IN74LV573 IKSEMICON-IN74LV573 Datasheet
334Kb / 8P
   Octal D-type transparent latch (3-State)
logo
Nexperia B.V. All right...
74HC573-Q100 NEXPERIA-74HC573-Q100 Datasheet
274Kb / 16P
   Octal D-type transparent latch; 3-state
Rev. 6 - 10 February 2021
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com