Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM185-2.5QML Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części LM185-2.5QML
Szczegółowy opis  LM185-2.5QML Micropower Voltage Reference Diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM185-2.5QML Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button LM185-2.5QML Datasheet HTML 6Page - Texas Instruments LM185-2.5QML Datasheet HTML 7Page - Texas Instruments LM185-2.5QML Datasheet HTML 8Page - Texas Instruments LM185-2.5QML Datasheet HTML 9Page - Texas Instruments LM185-2.5QML Datasheet HTML 10Page - Texas Instruments LM185-2.5QML Datasheet HTML 11Page - Texas Instruments LM185-2.5QML Datasheet HTML 12Page - Texas Instruments LM185-2.5QML Datasheet HTML 13Page - Texas Instruments LM185-2.5QML Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Applications (Continued)
Improving Regulation of Adjustable Regulators
20156207
Micropower Thermocouple Cold Junction Compensator
20156206
Adjustment Procedure
1.
Adjust TC ADJ pot until voltage across R1 equals Kelvin temperature multiplied by the thermocouple Seebeck coefficient.
2.
Adjust zero ADJ pot until voltage across R2 equals the thermocouple Seebeck coefficient multiplied by 273.2.
Seebeck
Voltage
Voltage
Thermocouple
Co-
R1
R2
Across R1
Across R2
Type
efficient
(
Ω)(Ω)
@25˚C
(mV)
(
µV/˚C)
(mV)
J
52.3
523 1.24k
15.60
14.32
T
42.8
432
1k
12.77
11.78
K
40.8
412 953
12.17
11.17
S
6.4
63.4 150
1.908
1.766
Typical supply current 50 µA
www.national.com
9


Podobny numer części - LM185-2.5QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM185-2.5QML-SP TI1-LM185-2.5QML-SP Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
LM185-2.5QML TI1-LM185-2.5QML_16 Datasheet
499Kb / 15P
[Old version datasheet]   Micropower Voltage Reference Diode
More results

Podobny opis - LM185-2.5QML

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM185-1.2QML-SP_15 TI-LM185-1.2QML-SP_15_15 Datasheet
536Kb / 18P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2QML TI1-LM185-1.2QML Datasheet
726Kb / 13P
[Old version datasheet]   LM185-1.2QML Micropower Voltage Reference Diode
LM185-1.2-N TI1-LM185-1.2-N Datasheet
289Kb / 12P
[Old version datasheet]   LM185-1.2/LM285-1.2/LM385-1.2 Micropower Voltage Reference Diode
LM185-2.5-N TI1-LM185-2.5-N Datasheet
313Kb / 18P
[Old version datasheet]   LM185-2.5/LM285-2.5/LM385-2.5 Micropower Voltage Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML_17 Datasheet
493Kb / 18P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML-SP TI-LM136A-2.5QML-SP_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI1-LM136A-2.5QML Datasheet
304Kb / 16P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM136A-2.5QML TI-LM136A-2.5QML_15 Datasheet
423Kb / 17P
[Old version datasheet]   LM136A-2.5QML 2.5V Reference Diode
LM385BXM-1.2 TI-LM385BXM-1.2 Datasheet
1Mb / 23P
[Old version datasheet]   LM185-1.2-N/LM285-1.2-N/LM385-1.2-N Micropower Voltage Reference Diode
LM285MX-25 TI1-LM285MX-25 Datasheet
1Mb / 22P
[Old version datasheet]   LM185-2.5-N/LM285-2.5-N/LM385-2.5-N Micropower Voltage Reference Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com