Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74TVC16222-1 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części SN74TVC16222-1
Szczegółowy opis  10-BIT VOLTAGE CLAMP
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74TVC16222-1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SN74TVC16222-1 Datasheet HTML 3Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 4Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 5Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 6Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 7Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 8Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 9Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 10Page - Texas Instruments SN74TVC16222-1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
SN74TVC3010
10-BIT VOLTAGE CLAMP
SCDS088G – APRIL 1999 – REVISED AUGUST 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
APPLICATION INFORMATION
electrical characteristics
The electrical characteristics of the NMOS transistors used in the TVC devices are illustrated by TI SPICE
simulations. Figure 4 shows the test configuration for the TI SPICE simulations. The results, shown in
Figures 5 and 6, show the current through a pass transistor versus the voltage at the source for different
reference voltages. The plots of the dc characteristics clearly reveal that the device clamps at the desired
reference voltage for the varying device environments.
Figure 5 shows the V-I characteristics, with low reference voltages and a reference-transistor drain-supply
voltage of 3.3 V. To further investigate the spread of the V-I characteristic curves, VREF was held at 2.5 V and
IREF was increased by raising VDDREF (see Figure 6). The result was a tighter grouping of the V-I curves.
VDPASS
VREF
RDREF
GATE
VBIAS
VDDREF
RDPASS
VDDPASS
VSPASS
Figure 4. TI SPICE Simulation Schematic and Voltage-Node Names


Podobny numer części - SN74TVC16222-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC16222-2 TI1-SN74TVC16222-2 Datasheet
589Kb / 13P
[Old version datasheet]   DUAL VOLTAGE CLAMP
More results

Podobny opis - SN74TVC16222-1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74TVC3010 TI-SN74TVC3010 Datasheet
142Kb / 11P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
SN74TVC3010 TI-SN74TVC3010_07 Datasheet
505Kb / 19P
[Old version datasheet]   10-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2010 PHILIPS-GTL2010 Datasheet
52Kb / 6P
   10-bit GTL Processor Voltage Clamp
1999 Apr 05
logo
Texas Instruments
SN74TVC16222A TI-SN74TVC16222A_07 Datasheet
299Kb / 18P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A_08 Datasheet
421Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222 TI1-SN74TVC16222 Datasheet
427Kb / 17P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
SN74TVC16222A TI-SN74TVC16222A Datasheet
248Kb / 15P
[Old version datasheet]   22-BIT VOLTAGE CLAMP
logo
NXP Semiconductors
GTL2000 PHILIPS-GTL2000 Datasheet
55Kb / 6P
   22-bit GTL processor voltage clamp
2000 Jan 25
logo
Wolfson Microelectronic...
WM2331 WOLFSON-WM2331 Datasheet
232Kb / 25P
   10-bit 30MSPS ADC with PGA and Clamp
logo
Gaomi Xinghe Electronic...
SMF50CA GXELECTRONICS-SMF50CA Datasheet
1Mb / 6P
   Maximum Clamp Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com