Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SD-15020-001 Arkusz danych(PDF) 1 Page - Molex Electronics Ltd.

Numer części SD-15020-001
Szczegółowy opis  0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOLEX2 [Molex Electronics Ltd.]
Strona internetowa  http://www.molex.com
Logo MOLEX2 - Molex Electronics Ltd.

SD-15020-001 Arkusz danych(HTML) 1 Page - Molex Electronics Ltd.

  SD-15020-001 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
15020-0269
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
0.50mm Pitch Premo-Flex™ FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
0.305m Cable Length, 0.27mm Cable Thickness, Gold (Au) Plating
Documents:
Drawing (PDF)
Packaging Specification PK-15020-001 (PDF)
Product Specification PS-15020-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
15020
Comments
Contacts on the same side, Type A
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
UPC
884982177314
Physical
Cable Length
0.305m
Circuits (Loaded)
24
Circuits (maximum)
24
Net Weight
2.342/g
Packaging Type
Bag
Pitch - Termination Interface
0.50mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
0.5A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-15020-001
Product Specification
PS-15020-001
Sales Drawing
SD-15020-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
15020Series
This document was generated on 08/14/2012
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Podobny numer części - SD-15020-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
SD-15020-001 MOLEX11-SD-15020-001 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D)
SD-15020-001 MOLEX11-SD-15020-001 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D)
SD-15020-001 MOLEX2-SD-15020-001 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 42 Circuits
SD-15020-001 MOLEX2-SD-15020-001 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 8 Circuits,
SD-15020-001 MOLEX11-SD-15020-001 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Opposite Side Contacts (Type D)
More results

Podobny opis - SD-15020-001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Molex Electronics Ltd.
0150200267 MOLEX2-0150200267 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
15020-0251 MOLEX11-15020-0251 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits
15020-0255 MOLEX11-15020-0255 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits
15020-0261 MOLEX11-15020-0261 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits
15020-0269 MOLEX11-15020-0269 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits
0150200255 MOLEX2-0150200255 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
0150200259 MOLEX2-0150200259 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
0150200251 MOLEX2-0150200251 Datasheet
42Kb / 1P
   0.50mm Pitch Premo-Flex??FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
15020-0267 MOLEX11-15020-0267 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits,
15020-0252 MOLEX11-15020-0252 Datasheet
73Kb / 1P
   0.50mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 24 Circuits
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com