Zakładka z wyszukiwarką danych komponentów |
|
TL082-N Arkusz danych(PDF) 3 Page - Texas Instruments |
|
|
TL082-N Arkusz danych(HTML) 3 Page - Texas Instruments |
3 / 16 page Absolute Maximum Ratings (Note 1) If Military/Aerospace specified devices are required, please contact the National Semiconductor Sales Office/ Distributors for availability and specifications. Supply Voltage ±18V Power Dissipation (Note 2) Operating Temperature Range 0˚C to +70˚C T j(MAX) 150˚C Differential Input Voltage ±30V Input Voltage Range (Note 3) ±15V Output Short Circuit Duration Continuous Storage Temperature Range −65˚C to +150˚C Lead Temp. (Soldering, 10 seconds) 260˚C ESD rating to be determined. Note 1: “Absolute Maximum Ratings” indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. DC Electrical Characteristics (Note 5) Symbol Parameter Conditions TL082C Units Min Typ Max V OS Input Offset Voltage R S =10k Ω,T A = 25˚C 5 15 mV Over Temperature 20 mV ∆V OS/ ∆T Average TC of Input Offset R S =10k Ω 10 µV/˚C Voltage I OS Input Offset Current T j = 25˚C, (Notes 5, 6) 25 200 pA T j ≤ 70˚C 4 nA I B Input Bias Current T j = 25˚C, (Notes 5, 6) 50 400 pA T j ≤ 70˚C 8 nA R IN Input Resistance T j = 25˚C 10 12 Ω A VOL Large Signal Voltage Gain V S = ±15V, TA = 25˚C 25 100 V/mV V O = ±10V, RL =2k Ω Over Temperature 15 V/mV V O Output Voltage Swing V S = ±15V, RL =10k Ω ±12 ±13.5 V V CM Input Common-Mode Voltage V S = ±15V ±11 +15 V Range −12 V CMRR Common-Mode Rejection Ratio R S ≤ 10 kΩ 70 100 dB PSRR Supply Voltage Rejection Ratio (Note 7) 70 100 dB I S Supply Current 3.6 5.6 mA www.national.com 2 |
Podobny numer części - TL082-N |
|
Podobny opis - TL082-N |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |