Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TL1963A-33QKTTRQ1 Arkusz danych(PDF) 7 Page - Texas Instruments

Numer części TL1963A-33QKTTRQ1
Szczegółowy opis  1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TL1963A-33QKTTRQ1 Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button TL1963A-33QKTTRQ1 Datasheet HTML 3Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 4Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 5Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 6Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 7Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 8Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 9Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 10Page - Texas Instruments TL1963A-33QKTTRQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
0
10
20
30
40
50
60
70
80
90
100
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TL1963A (Adjustable)
0
2
4
6
8
10
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Adjustable
VOUT = 1.21 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TL1963A (Adjustable)
0
5
10
15
20
25
30
35
40
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 300 mA
IOUT = 100 mA
IOUT = 10 mA
TL1963A-3.3
0
20
40
60
80
100
120
0
1
2
3
4
5
6
7
8
9
10
Input Voltage – V
TJ = 25°C
VSHDN = VIN
VOUT Fixed 3.3 V
IOUT = 1.5 A
IOUT = 1 A
IOUT = 0.5 A
TL1963A-3.3
TL1963A-Q1
www.ti.com
SLVSA79 – APRIL 2010
TYPICAL CHARACTERISTICS (continued)
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 9.
Figure 10.
GROUND CURRENT
GROUND CURRENT
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
Figure 11.
Figure 12.
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL1963A-Q1


Podobny numer części - TL1963A-33QKTTRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-33 TI-TL1963A-33 Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33 TI-TL1963A-33 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-33 TI-TL1963A-33 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-33 TI1-TL1963A-33 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-33DCQR TI-TL1963A-33DCQR Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
More results

Podobny opis - TL1963A-33QKTTRQ1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TL1963A-XX TI-TL1963A-XX_09 Datasheet
843Kb / 27P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A-XX TI-TL1963A-XX_10 Datasheet
834Kb / 28P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TL1963A TI1-TL1963A_16 Datasheet
2Mb / 39P
[Old version datasheet]   1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TL1963A-XX TI-TL1963A-XX Datasheet
805Kb / 26P
[Old version datasheet]   1.5-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501M TI1-TPS7A4501M Datasheet
406Kb / 21P
[Old version datasheet]   LOW-NOISE FAST-TRANSIENT-RESPONSE 1.5-A LOW-DROPOUT VOLTAGE REGULATOR
TL1963A TI-TL1963A_15 Datasheet
2Mb / 39P
[Old version datasheet]   TL1963A-xx 1.5-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
TPS73801 TI1-TPS73801 Datasheet
711Kb / 21P
[Old version datasheet]   1.0-A LOW-NOISE FAST-TRANSIENT-RESPONSE LOW-DROPOUT REGULATOR
TPS7A4501 TI1-TPS7A4501_17 Datasheet
2Mb / 36P
[Old version datasheet]   Low-Noise Fast-Transient-Response 1.5-A Low-Dropout Voltage Regulators
logo
ON Semiconductor
NCP57152DSADJR4G ONSEMI-NCP57152DSADJR4G Datasheet
292Kb / 11P
   1.5 A, Very Low-Dropout (VLDO) Fast Transient Response Regulator
May, 2013 ??Rev. 1
logo
Texas Instruments
TPS73801 TI-TPS73801_15 Datasheet
1Mb / 26P
[Old version datasheet]   TPS73801 1.0-A Low-Noise Fast-Transient-Response Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com