Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C6201GJCA20EP Arkusz danych(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C6201GJCA20EP
Szczegółowy opis  FIXED-POINT DIGITAL SIGNAL PROCESSOR
Download  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C6201GJCA20EP Arkusz danych(HTML) 10 Page - Texas Instruments

Back Button SM320C6201GJCA20EP Datasheet HTML 6Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 7Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 8Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 9Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 10Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 11Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 12Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 13Page - Texas Instruments SM320C6201GJCA20EP Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 59 page
background image
SM320C6201-EP
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SGUS041A -- MAY 2003 -- REVISED JANUARY 2004
10
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251--1443
Signal Descriptions (Continued)
SIGNAL
PIN NO.
TYPE
DESCRIPTION
SIGNAL
NAME
GJC
TYPE
DESCRIPTION
HOST-PORT INTERFACE (HPI)
HINT
H26
O
Host interrupt (from DSP to host)
HCNTL1
F23
I
Host control -- selects between control, address, or data registers
HCNTL0
D25
I
Host control -- selects between control, address, or data registers
HHWIL
C26
I
Host half-word select -- first or second half-word (not necessarily high or low order)
HBE1
E23
I
Host byte select within word or half-word
HBE0
D24
I
Host byte select within word or half-word
HR/W
C23
I
Host read or write select
HD15
B13
HD14
B14
HD13
C14
HD12
B15
HD11
D15
HD10
B16
HD9
A17
HD8
B17
I/O/Z
Host port data ( sed for transfer of data address and control)
HD7
D16
I/O/Z
Host-port data (used for transfer of data, address, and control)
HD6
B18
HD5
A19
HD4
C18
HD3
B19
HD2
C19
HD1
B20
HD0
B21
HAS
C22
I
Host address strobe
HCS
B23
I
Host chip select
HDS1
D22
I
Host data strobe 1
HDS2
A24
I
Host data strobe 2
HRDY
J24
O
Host ready (from DSP to host)
BOOT MODE
BOOTMODE4
D8
BOOTMODE3
B4
BOOTMODE2
A3
I
Boot mode
BOOTMODE1
D5
I
Boot mode
BOOTMODE0
C4
I = Input, O = Output, Z = High Impedance, S = Supply Voltage, GND = Ground


Podobny numer części - SM320C6201GJCA20EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C6201GLE TI-SM320C6201GLE Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SM320C6201GLP TI-SM320C6201GLP Datasheet
1Mb / 73P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Podobny opis - SM320C6201GJCA20EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com