Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C26BGBM Arkusz danych(PDF) 1 Page - Texas Instruments

Numer części SM320C26BGBM
Szczegółowy opis  DIGITAL SIGNAL PROCESSOR
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C26BGBM Arkusz danych(HTML) 1 Page - Texas Instruments

  SM320C26BGBM Datasheet HTML 1Page - Texas Instruments SM320C26BGBM Datasheet HTML 2Page - Texas Instruments SM320C26BGBM Datasheet HTML 3Page - Texas Instruments SM320C26BGBM Datasheet HTML 4Page - Texas Instruments SM320C26BGBM Datasheet HTML 5Page - Texas Instruments SM320C26BGBM Datasheet HTML 6Page - Texas Instruments SM320C26BGBM Datasheet HTML 7Page - Texas Instruments SM320C26BGBM Datasheet HTML 8Page - Texas Instruments SM320C26BGBM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
SMJ320C26
DIGITAL SIGNAL PROCESSOR
SGUS 016A – AUGUST 1990 – REVISED AUGUST 2001
1
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
D 100-ns Instruction Cycle Time
D 1568 Words of Configurable On-Chip
Data/Program RAM
D 256 Words of On-Chip Program ROM
D 128K Words of Data/Program Space
D Pin-for-Pin Compatible with the SMJ320C25
D 16 Input and 16 Output Channels
D 16-Bit Parallel Interface
D Directly Accessible External Data Memory
Space
D Global Data Memory Interface
D 16-Bit Instruction and Data Words
D 32-Bit ALU and Accumulator
D Single-Cycle Multiply/Accumulate
Instructions
D 0 to 16-Bit Scaling Shifter
D Bit Manipulation and Logical Instructions
D Instruction Set Support for Floating-Point
Operations, Adaptive Filtering, and
Extended-Precision Arithmetic
D Block Moves for Data/Program
Management
D Repeat Instructions for Efficient Use of
Program Space
D Eight Auxiliary Registers and Dedicated
Arithmetic Unit for Indirect Addressing
D Serial Port for Direct Codec Interface
D Synchronization Input for Multiprocessor
Configurations
D Wait States for Communications to Slow
Off-Chip Memories/Peripherals
D On-Chip Timer for Control Operations
D Three External Maskable User Interrupts
D Input Pin Polled by Software Branch
Instruction
D Programmable Output Pin for Signalling
External Devices
D 1.6-µm CMOS Technology
D Single 5-V Supply
D Packaging:
D 68-Pin Leaded Ceramic Chip Carrier
(FJ Suffix)
D 68-Pin Leadless Ceramic Chip Carrier (FD
Suffix)
D 68-Pin Grid Array Ceramic Package
(GB Suffix)
D Military Operating Temperature
Range ...–55
° to 125°C
description
The SMJ320C26 Digital Signal Processor is a member of the TMS320 family of VLSI digital signal processors
and peripherals. The TMS320 family supports a wide range of digital signal processing applications, such as
telecommunications, modems, image processing, speech processing, spectrum analysis, audio processing,
digital filtering, high-speed control, graphics, and other computation intensive applications.
Copyright
 2001, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
B
345
67
89
10
11
1
C
D
E
F
G
A
H
J
K
L
68-PIN GB
PIN GRID ARRAY CERAMIC PACKAGE†
(TOP VIEW)
See Pin Assignments Table (Page 2) and Pin
Nomenclature Table (Page 3) for location and
description of all pins.


Podobny numer części - SM320C26BGBM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C26BGBM TI1-SM320C26BGBM Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C26BGBM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com