Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ABT541B-EP Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74ABT541B-EP
Szczegółowy opis  OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ABT541B-EP Arkusz danych(HTML) 3 Page - Texas Instruments

  SN74ABT541B-EP Datasheet HTML 1Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 2Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 3Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 4Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 5Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 6Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 7Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 8Page - Texas Instruments SN74ABT541B-EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
SN74ABT541BEP
OCTAL BUFFER/DRIVER
WITH 3STATE OUTPUTS
SCBS797 − JANUARY 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
MIN
MAX
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = −18 mA
−1.2
−1.2
V
VCC = 4.5 V,
IOH = −3 mA
2.5
2.5
VOH
VCC = 5 V,
IOH = −3 mA
3
3
V
VOH
VCC = 4.5 V,
IOH = −32 mA
2
2
V
VOL
VCC = 4.5 V,
IOL = 64 mA
0.55
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
µA
IOZPU
VCC = 0 to 2.1 V, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZPD
VCC = 2.1 V to 0, VO = 0.5 V to 2.7 V, OE = X
±50
±50
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
10
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
−10
−10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V, VO = 5.5 V
Outputs high
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
−50
−140
−180
−50
−180
mA
Outputs high
5
250
250
µA
ICC
VCC = 5.5 V, IO = 0, VI = VCC or GND
Outputs low
22
30
30
mA
ICC
VCC = 5.5 V, IO = 0, VI = VCC or GND
Outputs disabled
1
250
250
µA
VCC = 5.5 V, One input at 3.4 V,
Outputs enabled
1.5
1.5
mA
∆ICC§
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
Outputs disabled
50
50
µA
∆ICC§
Other inputs at VCC or GND
Control inputs
1.5
1.5
mA
Ci
VI = 2.5 V or 0.5 V
3
pF
Co
VO = 2.5 V or 0.5 V
6
pF
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level, rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
1
2
3.2
1
3.6
ns
tPHL
A
Y
1
2.6
3.5
1
3.9
ns
tPZH
OE
Y
2
3.5
4.5
2
4
ns
tPZL
OE
Y
1.9
4
5.1
1.9
5.9
ns
tPHZ
OE
Y
2.2
4.4
5.4
2.2
5.8
ns
tPLZ
OE
Y
1.5
3
4
1.5
4.4
ns
tsk(o)¶
0.5
0.5
ns
¶ Skew between any two outputs of the same package switching in the same direction


Podobny numer części - SN74ABT541B-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ABT541B-EP TI1-SN74ABT541B-EP Datasheet
729Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results

Podobny opis - SN74ABT541B-EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
74AC11244 TI-74AC11244 Datasheet
91Kb / 6P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
REVISED SEPTEMBER 1998
SN74AS230A TI-SN74AS230A Datasheet
80Kb / 5P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
74AC11244 TI1-74AC11244_15 Datasheet
796Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT244 TI1-SN64BCT244_16 Datasheet
1,002Kb / 12P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN64BCT541A TI1-SN64BCT541A_16 Datasheet
495Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC540A-Q1 TI1-SN74LVC540A-Q1_16 Datasheet
1Mb / 15P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74LVC240A TI-SN74LVC240A_08 Datasheet
416Kb / 14P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHC244-EP TI1-SN74AHC244-EP Datasheet
448Kb / 10P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT244-Q1 TI1-SN74AHCT244-Q1 Datasheet
596Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AHCT541-EP TI1-SN74AHCT541-EP Datasheet
715Kb / 13P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC244-EP TI1-SN74ALVC244-EP Datasheet
488Kb / 11P
[Old version datasheet]   OCTAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com