Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

DAC1001D125HL Arkusz danych(PDF) 1 Page - Integrated Device Technology

Numer części DAC1001D125HL
Szczegółowy opis  Dual 10-bit DAC, up to 125 Msps
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

DAC1001D125HL Arkusz danych(HTML) 1 Page - Integrated Device Technology

  DAC1001D125HL Datasheet HTML 1Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 2Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 3Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 4Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 5Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 6Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 7Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 8Page - Integrated Device Technology DAC1001D125HL Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
®
1. General description
The DAC1001D125 is a dual-port high-speed 2-channel CMOS Digital-to-Analog
Converter (DAC), optimized for high dynamic performance with low power dissipation.
The Supporting an update rate of up to 125 Msps, the DAC1001D125 is suitable for Direct
IF applications.
Separate write inputs allow data to be written to the two DAC ports independently of one
another. Two separate clocks control the update rate of each DAC port.
The DAC1001D125 can interface two separate data ports or one single interleaved
high-speed data port. In Interleaved mode, the input data stream is demultiplexed into its
original I and Q data and latched. The I and Q data is then converted by the two DACs
and updated at half the input data rate.
Each DAC port has a high-impedance differential current output, suitable for both
single-ended and differential analog output configurations.
The DAC1001D125 is pin compatible with the AD9763, DAC2900 and DAC5652.
2. Features and benefits
3. Applications
DAC1001D125
Dual 10-bit DAC, up to 125 Msps
Rev. 03 — 2 July 2012
Product data sheet
Dual 10-bit resolution
Typical 185 mW power dissipation
125 Msps update rate
16 mW power-down
Single 3.3 V supply
SFDR: 80 dBc; fo = 1 MHz;
fs = 52 Msps
Dual-port or Interleaved data modes
SFDR: 77 dBc; fo = 10.4 MHz; fs = 78
Msps
1.8 V, 3.3 V and 5 V compatible digital
inputs
SFDR: 72 dBc; fo = 1 MHz;
fs = 52 Msps; 12 dBFS
Internal and external reference
LQFP48 package
2 mA to 20 mA full-scale output current Industrial temperature range of
40 Cto+85 C
Quadrature modulation
Direct digital frequency synthesis
Medical/test instrumentation
Arbitrary waveform generator
Direct IF applications


Podobny numer części - DAC1001D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
DAC1001D125HL NXP-DAC1001D125HL Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
More results

Podobny opis - DAC1001D125HL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
DAC1001D125 RENESAS-DAC1001D125 Datasheet
385Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1001D125 NXP-DAC1001D125 Datasheet
249Kb / 25P
   Dual 10-bit DAC, up to 125 Msps
Rev. 01-24 November 2008
logo
Renesas Technology Corp
DAC1401D125 RENESAS-DAC1401D125 Datasheet
461Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1401D125 NXP-DAC1401D125 Datasheet
359Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
Rev. 01-13 November 2008
logo
Integrated Device Techn...
DAC1201D125 IDT-DAC1201D125 Datasheet
401Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1201D125 RENESAS-DAC1201D125 Datasheet
405Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
2 July 2012
logo
NXP Semiconductors
DAC1201D125 NXP-DAC1201D125 Datasheet
273Kb / 26P
   Dual 12-bit DAC, up to 125 Msps
Rev. 01-27 November 2008
logo
Integrated Device Techn...
DAC1401D125 IDT-DAC1401D125 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
DAC1401D125HL-C1 IDT-DAC1401D125HL-C1 Datasheet
457Kb / 25P
   Dual 14-bit DAC, up to 125 Msps
logo
Renesas Technology Corp
DAC1005D750 RENESAS-DAC1005D750 Datasheet
418Kb / 43P
   Dual 10-bit DAC, up to 750 Msps; 4x and 8x interpolating
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com