Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL2671286IBZ Arkusz danych(PDF) 5 Page - Intersil Corporation

Numer części ISL2671286IBZ
Szczegółowy opis  12-Bit, 20kSPS SAR ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL2671286IBZ Arkusz danych(HTML) 5 Page - Intersil Corporation

  ISL2671286IBZ Datasheet HTML 1Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 2Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 3Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 4Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 5Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 6Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 7Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 8Page - Intersil Corporation ISL2671286IBZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
ISL2671286
5
FN7863.0
November 1, 2011
thDO
Output Data Remains Valid After DCLOCK
CLOAD = 100pF
15
30
ns
tf
DOUT Fall Time
See test circuits; Figure 4
1
100
ns
tR
DOUT Rise Time
See test circuits; Figure 4
1
100
ns
tCSD
Delay Time, CS/SHDN
↓ to DCLOCK↓
See operating sequence; Figure 3
0
ns
tSUCS
Delay Time, CS/SHDN
↓ to DCLOCK↑
See operating sequence; Figure 3
30
ns
NOTE:
11. During characterization, tDIS is measured from the release point with a 10pF load (see Figure 4) and the equivalent timing using the ADS1286
loading (3kΩ, 100pF) is calculated.
Timing Specifications At fCLK = 200kHz , unless otherwise noted. Typical values are at TA = +25°C. Boldface limits apply over the
operating temperature range, -40°C to +85°C. (Continued)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
(Note 8)
TYP
MAX
(Note 8)
UNITS
FIGURE 3. SERIAL INTERFACE TIMING DIAGRAM
tSUCS
B10
B9B8B7B6B5B4B3B2
B1B0
B11
B10
B9B8
Null
Bit
Hi-Z
Hi-Z
Null
Bit
CS/SHDN
DCLOCK
DOUT
tCSD
tCYC
POWER
DOWN
tSMPL
tCONV
tDATA
Note: (1) After completing the data transfer, additional clocks applied while CS/SHDN is low
will result in the previous data being retransmitted LSB-first, followed by indefinite
transmission of zeros
tSUCS
B10
B9B8B7B6B5B4B3B2
B1B0
B11
B10
B9
B8
Null
Bit
Hi-Z
Hi-Z
CS/SHDN
DCLOCK
DOUT
tCSD
tCYC
POWER
DOWN
tSMPL
tCONV
tDATA
Note: (2) After completing the data transfer, additional clocks applied while CS/SHDN is low
will result in indefinite transmission of zeros
B1
B2
B3
B4
B5
B7
B6
B11
(MSB)
B11
(MSB)
(1)
(2)
FIGURE 4. EQUIVALENT LOAD CIRCUIT
OUTPUT PIN
CL
10pF
+VCC
2.85k
RL


Podobny numer części - ISL2671286IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286IBZ RENESAS-ISL2671286IBZ Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
More results

Podobny opis - ISL2671286IBZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL2671286IBZ INTERSIL-ISL2671286IBZ Datasheet
638Kb / 15P
   12-Bit, 20kSPS SAR ADC
November 1, 2011
logo
Renesas Technology Corp
ISL2671286 RENESAS-ISL2671286 Datasheet
820Kb / 15P
   12-Bit, 20kSPS SAR ADC
logo
Intersil Corporation
ISL267452 INTERSIL-ISL267452 Datasheet
716Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482 AD-AD7482 Datasheet
1Mb / 16P
   3MSPS, 12-Bit SAR ADC
REV. 0
logo
IC MICROSYSTEMS
ICM7912 ICMIC-ICM7912 Datasheet
115Kb / 5P
   12-BIT 125KSPS SAR ADC
logo
Intersil Corporation
ISL267452IHZ-T INTERSIL-ISL267452IHZ-T Datasheet
714Kb / 16P
   12-Bit, 555kSPS SAR ADC
July 26, 2012
logo
Renesas Technology Corp
ISL267452 RENESAS-ISL267452 Datasheet
1,016Kb / 16P
   12-Bit, 555kSPS SAR ADC
logo
Analog Devices
AD7482BSTZ AD-AD7482BSTZ Datasheet
527Kb / 20P
   3 MSPS, 12-Bit SAR ADC
REV. B
AD7482 AD-AD7482_15 Datasheet
748Kb / 21P
   3 MSPS, 12-Bit SAR ADC
Rev. B
AD7482 AD-AD7482_17 Datasheet
566Kb / 21P
   3 MSPS, 12-Bit SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com