Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL267817 Arkusz danych(PDF) 9 Page - Intersil Corporation

Numer części ISL267817
Szczegółowy opis  12-Bit Differential Input 200kSPS SAR ADC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL267817 Arkusz danych(HTML) 9 Page - Intersil Corporation

Back Button ISL267817 Datasheet HTML 5Page - Intersil Corporation ISL267817 Datasheet HTML 6Page - Intersil Corporation ISL267817 Datasheet HTML 7Page - Intersil Corporation ISL267817 Datasheet HTML 8Page - Intersil Corporation ISL267817 Datasheet HTML 9Page - Intersil Corporation ISL267817 Datasheet HTML 10Page - Intersil Corporation ISL267817 Datasheet HTML 11Page - Intersil Corporation ISL267817 Datasheet HTML 12Page - Intersil Corporation ISL267817 Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
ISL267817
9
FN7877.2
April 19, 2012
FIGURE 12. FREQUENCY SPECTRUM (8192 POINT FFT;
fIN = 9.9kHz, –0.5dB
FIGURE 13. SIGNAL-TO-NOISE RATIO AND SIGNAL-TO-
(NOISE+DISTORTION) vs INPUT FREQUENCY
FIGURE 14. SPURIOUS FREE DYNAMIC RANGE AND TOTAL
HARMONIC DISTORTION vs INPUT FREQUENCY
FIGURE 15. SIGNAL-TO-(NOISE+DISTORTION) vs INPUT LEVEL
FIGURE 16. CHANGE IN INTEGRAL LINEARITY and DIFFERENTIAL
LINEARITY vs SAMPLE RATE
FIGURE 17. INTEGRAL LINEARITY ERROR vs CODE
Typical Performance Characteristics T
A = +25°C, VCC = 5V, VREF = 2.5V, fSAMPLE = 200kHz,
fCLK =16*fSAMPLE, unless otherwise specified. (Continued)
-120
-100
-80
-60
-40
-20
0
025
50
75
100
FREQUENCY (kHz)
67
68
69
70
71
72
73
1
10
100
INPUT FREQUENCY (kHz)
SINAD
SNR
-95
-90
-85
-80
-75
-70
-65
65
70
75
80
85
90
95
110
100
INPUT FREQUENCY (kHz)
THD
SFDR
0
10
20
30
40
50
60
70
80
-60
-50
-40
-30
-20
-10
0
INPUT LEVEL (dB)
-0.5
0.0
0.5
1.0
1.5
0
80
160
240
320
400
SAMPLE RATE (kHz)
CHANGE IN INTEGRAL
LINEARITY (LSB)
CHANGE IN DIFFERENTIAL
LINEARITY (LSB)
-1.00
-0.75
-0.50
-0.25
0.00
0.25
0.50
0.75
1.00
0
512
1024 1536 2048 2560 3072 3584 4096


Podobny numer części - ISL267817

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL267817 INTERSIL-ISL267817 Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Intersil Corporation
ISL267817 INTERSIL-ISL267817 Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
More results

Podobny opis - ISL267817

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL267817IBZ INTERSIL-ISL267817IBZ Datasheet
661Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
April 19, 2012
logo
Renesas Technology Corp
ISL267817 RENESAS-ISL267817 Datasheet
927Kb / 18P
   12-Bit Differential Input 200kSPS SAR ADC
logo
Analog Devices
AD7356 AD-AD7356 Datasheet
191Kb / 18P
   Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Rev. PrC
logo
Linear Technology
LTC2345 LINER-LTC2345 Datasheet
987Kb / 10P
   16-/18-Bit, Octal 200ksps, SAR ADC
logo
List of Unclassifed Man...
ZADCS146 ETC2-ZADCS146_11 Datasheet
579Kb / 26P
   12-Bit, 200ksps, ADC Family
logo
Analog Devices
AD1678 AD-AD1678_15 Datasheet
4Mb / 12P
   12 BIT 200KSPS SAMPLING ADC
AD7356 AD-AD7356_08 Datasheet
531Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. 0
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
   Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
AD7356 AD-AD7356_15 Datasheet
636Kb / 21P
   Differential Input, Dual, Simultaneous Sampling, 5 MSPS, 12-Bit, SAR ADC
REV. A
AD7352 AD-AD7352 Datasheet
518Kb / 20P
   Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com