Zakładka z wyszukiwarką danych komponentów |
|
ISL267817IUZ Arkusz danych(PDF) 2 Page - Intersil Corporation |
|
ISL267817IUZ Arkusz danych(HTML) 2 Page - Intersil Corporation |
2 / 18 page ISL267817 2 FN7877.2 April 19, 2012 Typical Connection Diagram Pin Configuration ISL267817 (8 LD SOIC, MSOP) TOP VIEW VREF +IN –IN GND +VCC DCLOCK DOUT CS/SHDN REFP-P + + +5V SUPPLY µP/µC VREF SERIAL INTERFACE 10µF 0.1µF REFP-P VREF 8 7 6 5 1 2 3 4 +IN –IN GND +VCC DCLOCK DOUT CS/SHDN Pin Descriptions PIN NAME PIN NUMBER DESCRIPTION VREF 1 Reference Input +IN 2 Non Inverting Input –IN 3 Inverting Input GND 4 Ground CS/SHDN 5 Low = Chip Select, High = Shutdown DOUT 6 Serial Output Data DCLOCK 7 Data Clock +VCC 8 Power Supply Ordering Information PART NUMBER (Notes 1, 2, 3) PART MARKING +VCC RANGE (V) TEMP RANGE (°C) PACKAGE PKG. DWG. # ISL267817IBZ 267817 IBZ 4.75 to 5.25 -40°C to +85°C 8 Ld SOIC M8.15 ISL267817IUZ 67817 4.75 to 5.25 -40°C to +85°C 8 Ld MSOP M8.118 NOTES: 1. Add “-T*” suffix for tape and reel. Please refer to TB347 for details on reel specifications. 2. These Intersil Pb-free plastic packaged products employ special Pb-free material sets, molding compounds/die attach materials, and 100% matte tin plate plus anneal (e3 termination finish, which is RoHS compliant and compatible with both SnPb and Pb-free soldering operations). Intersil Pb-free products are MSL classified at Pb-free peak reflow temperatures that meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020. 3. For Moisture Sensitivity Level (MSL), please see device information page for the ISL267817. For more information on MSL please see tech brief TB363. |
Podobny numer części - ISL267817IUZ |
|
Podobny opis - ISL267817IUZ |