Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS3V712ELRTGR Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części TS3V712ELRTGR
Szczegółowy opis  7-CHANNEL VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS3V712ELRTGR Arkusz danych(HTML) 4 Page - Texas Instruments

  TS3V712ELRTGR Datasheet HTML 1Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 2Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 3Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 4Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 5Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 6Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 7Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 8Page - Texas Instruments TS3V712ELRTGR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
TS3V712EL
SCDS303A – AUGUST 2010 – REVISED SEPTEMBER 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VDD
–0.5
4.6
Supply voltage range
V
VDD_5
–0.5
6.5
VI/O
Analog voltage range(2)(3)
R, G, B, SCL, SDA
–0.5
VDD + 0.5
V
VIN
Digital input voltage range(2)(3)
SEL, H, V
–0.5
6.5
V
II/OK
Analog port diode current
VI/O < 0 V
–50
mA
IIK
Digital input clamp current
VIN < 0 V
–50
mA
II/O
ON-state switch current
R, G, B, SCL, SDA
–128
128
mA
IDD
Continuous current through VDD or GND
–100
100
mA
IGND
qJA
Package thermal impedance(4)
RTG package(4)
39.2
°C/W
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are with respect to ground, unless otherwise specified.
(3)
The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4)
The package thermal impedance is calculated in accordance with JESD 51-1.
RECOMMENDED OPERATING CONDITIONS
(1)
MIN
MAX
UNIT
VDD
Supply voltage
3
3.6
V
VDD_5
Supply voltage for H and V channels
4.5
5.5
V
VIN
Digital control input voltage
SEL, H, V
0
5.5
V
VIH
High-level control input voltage
SEL, H, V
2
V
VIL
Low-level control input voltage
SEL, H, V
0.8
V
IOH
High-level output current
H, V
–8
mA
IOL
Low-level output current
H, V
8
mA
TA
Operating free-air temperature
–40
85
°C
(1)
All unused control inputs of the device must be held at VDD or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
4
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TS3V712EL


Podobny numer części - TS3V712ELRTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712ERTGR TI-TS3V712ERTGR Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
More results

Podobny opis - TS3V712ELRTGR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS3V713EL TI1-TS3V713EL Datasheet
723Kb / 20P
[Old version datasheet]   7-CHANNEL, 1:2 VIDEO SWITCH WITH INTEGRATED LEVEL SHIFTERS
TPS65163 TI1-TPS65163 Datasheet
1Mb / 43P
[Old version datasheet]   LCD Bias Supply With Integrated Level Shifters
TS3V712E_1002 TI-TS3V712E_1002 Datasheet
464Kb / 15P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
TS3V712E TI-TS3V712E Datasheet
330Kb / 14P
[Old version datasheet]   7-CHANNEL VIDEO SWITCH
logo
Exar Corporation
XR16M890 EXAR-XR16M890_11 Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1404 EXAR-XRA1404 Datasheet
408Kb / 14P
   8-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
XR16M890IL32-0C EXAR-XR16M890IL32-0C Datasheet
1Mb / 63P
   UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
XRA1405 EXAR-XRA1405 Datasheet
439Kb / 16P
   16-BIT SPI GPIO EXPANDER WITH INTEGRATED LEVEL SHIFTERS
logo
Pericom Semiconductor C...
PI3V713-A PERICOM-PI3V713-A Datasheet
479Kb / 8P
   3.3V, 7-Channel Analog Video Switch
logo
Exar Corporation
XR20M1280L32-0B EXAR-XR20M1280L32-0B Datasheet
1Mb / 63P
   I2C/SPI UART WITH 128-BYTE FIFO AND INTEGRATED LEVEL SHIFTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com