Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A3357-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A3357-Q1
Szczegółowy opis  SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A3357-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  TS5A3357-Q1 Datasheet HTML 1Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 2Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 3Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 4Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 5Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 6Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 7Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 8Page - Texas Instruments TS5A3357-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
TS5A3357-Q1
www.ti.com................................................................................................................................................................................................ SCDS290 – AUGUST 2009
ELECTRICAL CHARACTERISTICS FOR 3.3-V SUPPLY
(1)
V+ = 3 V to 3.6 V, TA = –40°C to 125°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX UNIT
Analog Switch
Analog signal range
VCOM, VNO
0
V+
V
0
≤ VNO ≤ V+,
Switch ON,
Peak ON resistance
rpeak
Full
3 V
25
ICOM = –24 mA,
See Figure 13
VNO = 0 V,
25°C
6.5
9
ICOM = 24 mA
Full
9
Switch ON,
ON-state resistance
ron
3 V
See Figure 13
VNO = 3 V,
25°C
9
20
ICOM = –24 mA
Full
20
ON-state resistance
VNO = 2.1 V,
Switch ON,
match between
Δron
25°C
3 V
0.1
ICOM = –24 mA,
See Figure 13
channels
ON-state
0
≤ VNO ≤ V+,
Switch ON,
ron(flat)
25°C
3.3 V
13.5
resistance flatness
ICOM = –24 mA,
See Figure 13
25°C
–0.2
0.2
NO
VNO = 0 to V+,
Switch OFF,
INO(OFF)
3.6 V
μA
OFF leakage current
VCOM = V+ to 0
See Figure 14
Full
–1
1
25°C
–0.2
0.2
COM
VCOM = 0 to V+,
Switch OFF,
ICOM(OFF)
3.6 V
μA
OFF leakage current
VNO = V+ to 0,
See Figure 14
Full
–1
1
25°C
–0.2
0.2
NO
VNO = 0 to V+,
Switch ON,
INO(ON)
3.6 V
μA
ON leakage current
VCOM = V+ to 0,
See Figure 14
Full
–1
1
25°C
–0.2
0.2
COM
VNO = Open,
Switch ON,
ICOM(ON)
3.6 V
μA
ON leakage current
VCOM = 0 to V+,
See Figure 14
Full
–1
1
Digital Control Inputs (IN1, IN2)(2)
Input logic high
VIH
Full
V+ × 0.7
5.5
V
Input logic low
VIL
Full
0
V+ × 0.3
V
25°C
–1
0.1
Input leakage
IIH, IIL
VI = 5.5 V or 0
3.6 V
μA
current
Full
1
(1)
The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2)
All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): TS5A3357-Q1


Podobny numer części - TS5A3357-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

Podobny opis - TS5A3357-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A3159A TI1-TS5A3159A_14 Datasheet
778Kb / 32P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3160 TI1-TS5A3160_14 Datasheet
724Kb / 31P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3159A TI-TS5A3159A_10 Datasheet
695Kb / 30P
[Old version datasheet]   1-廓 SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com