Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

H0509RN-2W Arkusz danych(PDF) 3 Page - Crystek Corporation

Numer części H0509RN-2W
Szczegółowy opis  2W, FIXED INPUT,6000V ISOLATED & UNREGULATED SINGLE OUTPUT DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CRYSTEKCRYSTAL [Crystek Corporation]
Strona internetowa  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

H0509RN-2W Arkusz danych(HTML) 3 Page - Crystek Corporation

  H0509RN-2W Datasheet HTML 1Page - Crystek Corporation H0509RN-2W Datasheet HTML 2Page - Crystek Corporation H0509RN-2W Datasheet HTML 3Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
The copyright and authority for the interpretation of the products are reserved by MORNSUN
Specifications subject to change without notice.
H_RN-2W & H_LT-2W
C/0-2012
Page 3 of 3
OUTLINE DIMENSIONS & PIN CONNECTIONS
1.00
[0.039]
±0.20
±0.008
8. 40[ 0.331]
2 2.60[ 0.890]
MAX18.00[0.709]
15.53[0.611]
1.02[0.040]
0.50[0.020]
1
78
17.78[0.700]
23.86
[0.939]
±0.20
±0.008
2.54[0.100]
9
16
10
1
78
1.20
[0.047]
±0.20
±0.008
1
7
8
9
17.78[0.700]
23.86[0.939]
2.54[0.100]
16
109
16
10
9
10
16
1
78
9
10
16
17.78
[0.700]
±0.35
±0.014
MAX3.34[0.131]
0.91
[0.045]
±0.20
±0.008
17.78
[0.700]
±0.35
±0.700
0.50
[0.020]
±0.10
±0.004
MAX3.34[0.135]
A
18.10
[0.713]
±0.40
±0.016
1.34
[0.053]
2.20
[0.087]
±0.20
±0.008
A
0~5
17.78[0.700]
17.78[0.700]
2.54[0.100]
0.10[0.004]
H_RN
W Series
- 2
H_LT
W
- 2
Series
()
Front View
()
Front View
()
Top View
()
Side View
()
Side View
1
7
8
9
10
16
GND
NC
NC
+Vo
0V
Vin
FOO TPR IN T D ETAILS
Pin
Function
Note:
Unit:
Pin section tolerances:
General tolerances:
±±
]
±±
mm[inch]
0.10mm[
0.004inch
0.25mm[
0.010inch]
NC:No connection
1
7
8
9
10
16
GND
NC
NC
+Vo
0V
Vin
F OOTP RINT DETAILS
Pin
Function
Note:
Unit:
General toler ances:±±
mm[inch]
0.50mm[
0.020inch]
L=530mm[20.866inch]
uantity:21pcs
L=220mm[8.661inch]
uantity: 8pcs
Tube Q
Tube Q
Short tube inner packaging dimensions: L*W*H=255*170*80mm;
Short tube outer packaging dimensions(with six inner packaging boxes):
L*W*H=375*280*270mm;
Long tube inner packaging dimensions: L*W*H=580*200*100mm;
Long tube outer packaging dimensions(with two inner packaging boxes)
L*W*H=600*215*220mm;
Long tube outer packaging dimensions(with three inner packaging boxes)
L*W*H=600*215*325mm.
TUBE OUTLINE DIMENSIONS
H_RN
W
- 2
Series
H_LT
W
- 2
Series
RECOMMENDED FOOTPRINT
M E CH A NIC AL D IM E NS IO NS
Note: grid 2.54*2.54mm.
()
Top View
0. 50[ 0. 02 0]
2 .0 0[ 0. 07 9]
4. 00 [0 .1 57]
14 .0 0[ 0. 55 1]
1 8. 42 [0 .7 25]
1 .5 0[ 0. 05 9]
1 .7 0[ 0. 06 7]
2 8. 00 [1 .1 02]
2.0 0[ 0. 07 9]
1.5 0[ 0. 05 9]
9 .7 0[ 0. 38 2]
13 .0 0[ 0. 51 2]
21 .5 0[ 0. 84 6]
4 4. 80 [1 .7 64]
10 0. 00 [3 .9 37]
TAPING RE EL DIMENSIONS
Note:
Unit:mm [inch]
General Tolerances:
±0.50mm [±0.020inch]
Per reel of packing quantity:200PCS
Innerpackage cartondimensions:L*W*H=365*350*105mm
Outerpackagecartondimensions:L*W*H=390*360*245mm
Tube Quantity:400pcs
Tube Quantity:800pcs
Note:
1. Operation under minimum load will not damage the converter; However, they may not meet all specification listed, and that will reduce the life of
product.
2. All specifications measured at Ta=25
°C, humidity<75%, nominal input voltage and rated output load unless otherwise specified.
3. Only typical models listed, other models may be different, please contact our technical person for more details.
4. In this datasheet, all the test methods of indications are based on corporate standards.


Podobny numer części - H0509RN-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
MORNSUN Science& Techno...
H0509RN-2W MORNSUN-H0509RN-2W Datasheet
314Kb / 3P
   SINGLE OUTPUT DC-DC CONVERTER
More results

Podobny opis - H0509RN-2W

ProducentNumer częściArkusz danychSzczegółowy opis
logo
GAPTEC Electronic GmbH ...
2T8A-3 GAPTEC-2T8A-3 Datasheet
898Kb / 4P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2T8E GAPTEC-2T8E Datasheet
877Kb / 3P
   2W - Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
logo
Microdc power Technolog...
H-XD-1W MICRODC-H-XD-1W Datasheet
486Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
H-XVD MICRODC-H-XVD Datasheet
438Kb / 2P
   1W,FIXED INPUT,6000V ISOLATED&UNREGULATED SINGLE/DUAL OUTPUT DC-DC CONVERTER
E-XD-2W MICRODC-E-XD-2W Datasheet
705Kb / 3P
   2W,FIXED INPUT,ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
GAPTEC Electronic GmbH ...
2D14B GAPTEC-2D14B Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B GAPTEC-2S7B Datasheet
1Mb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7A GAPTEC-2S7A Datasheet
1Mb / 5P
   2W - Dual/Single Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7BE GAPTEC-2S7BE Datasheet
653Kb / 5P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
2S7B-6UP GAPTEC-2S7B-6UP Datasheet
1Mb / 4P
   2W - Single/Dual Output DC-DC Converter - Fixed Input - Isolated & Unregulated
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com