Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BU21078MUV-E2 Arkusz danych(PDF) 9 Page - Rohm

Numer części BU21078MUV-E2
Szczegółowy opis  Capacitive Switch Controller ICs
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ROHM [Rohm]
Strona internetowa  http://www.rohm.com
Logo ROHM - Rohm

BU21078MUV-E2 Arkusz danych(HTML) 9 Page - Rohm

Back Button BU21078MUV-E2 Datasheet HTML 5Page - Rohm BU21078MUV-E2 Datasheet HTML 6Page - Rohm BU21078MUV-E2 Datasheet HTML 7Page - Rohm BU21078MUV-E2 Datasheet HTML 8Page - Rohm BU21078MUV-E2 Datasheet HTML 9Page - Rohm BU21078MUV-E2 Datasheet HTML 10Page - Rohm BU21078MUV-E2 Datasheet HTML 11Page - Rohm BU21078MUV-E2 Datasheet HTML 12Page - Rohm BU21078MUV-E2 Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/14
Datasheet
Datasheet
BU21072MUV / BU21078MUV
TSZ02201-0Y2Y0FZ00020-1-2
© 2012 ROHM Co., Ltd. All rights reserved.
12.Mar.2012 Rev.001
www.rohm.com
TSZ22111・15・001
Application Examples
BU21072MUV /BU21078MUV offer two method of switch. One is simple switch, another is matrix switch. The number of the
maximum matrix switches is 16 by BU21072MUV, and 36 by BU21078MUV.
LED ports are able to be applied PWM function. PWM function offers fade-in / fade-out brightness control.
BU21072
TOP VIEW
16
18
13
24
19
7
12
VDD
DVDD 1.0uF
VSS
TEST
HOST
SCL
SDA
INT
VDD
VDD
VDD
VDD
(*1) Unused LED pin are OPEN.
(*2) Unused SIN pin are OPEN.
Recommended DT number : DTC143ZE
SIN9 (*2)
SIN8 (*2)
SIN7
SIN6
SIN5
SIN4
Fig.15 Application example 1 (8-simple switches, 3-LEDs with BU21072MUV)


Podobny numer części - BU21078MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21078MUV-E2 ROHM-BU21078MUV-E2 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
More results

Podobny opis - BU21078MUV-E2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BU21072MUV ROHM-BU21072MUV_16 Datasheet
3Mb / 40P
   Capacitive Switch Controller ICs
BU21079F ROHM-BU21079F Datasheet
922Kb / 37P
   Capacitive Switch Controller ICs
BU21077MUV ROHM-BU21077MUV Datasheet
1Mb / 16P
   Capacitive Switch Controller IC
BU21180FS ROHM-BU21180FS Datasheet
3Mb / 44P
   Capacitive Switch Controller IC
BU21170MUV ROHM-BU21170MUV Datasheet
2Mb / 33P
   Capacitive Switch Controller IC
BU21181FS ROHM-BU21181FS Datasheet
2Mb / 46P
   Capacitive Switch Controller IC
18.Dec.2019 Rev.001
logo
Omron Electronics LLC
B6TS-04LT OMRON-B6TS-04LT Datasheet
210Kb / 6P
   Capacitive Touch Sensing ICs
logo
Sciosense B.V.
PCAP02 SCIOSENSE-PCAP02 Datasheet
316Kb / 3P
   ICs for Capacitive Sensing Applications
logo
Schurter Inc.
CPS SCHURTER-CPS Datasheet
809Kb / 8P
   Capacitive switch
CPS SCHURTER-CPS_V02 Datasheet
747Kb / 7P
   Capacitive switch
05.01.2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com