Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1875-SP Arkusz danych(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1875-SP
Szczegółowy opis  RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP Arkusz danych(HTML) 8 Page - Texas Instruments

Back Button UC1875-SP Datasheet HTML 4Page - Texas Instruments UC1875-SP Datasheet HTML 5Page - Texas Instruments UC1875-SP Datasheet HTML 6Page - Texas Instruments UC1875-SP Datasheet HTML 7Page - Texas Instruments UC1875-SP Datasheet HTML 8Page - Texas Instruments UC1875-SP Datasheet HTML 9Page - Texas Instruments UC1875-SP Datasheet HTML 10Page - Texas Instruments UC1875-SP Datasheet HTML 11Page - Texas Instruments UC1875-SP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
UC1875-SP
SLUSAQ9
– DECEMBER 2011
www.ti.com
SOFTSTART:(soft start): SOFTSTART will remain at GND as long as VIN is below the UVLO threshold.
SOFTSTART will be pulled up to about 4.8 V by an internal 9
µA current source when VIN becomes valid
(assuming a non-fault condition). In the event of a current-fault (CS+ voltage exceeding 2.5 V), SOFTSTART will
be pulled to GND and them ramp to 4.8 V. If a fault occurs during the SOFTSTART cycle, the outputs will be
immediately disabled and SOFTSTART must charge fully prior to resetting the fault latch.
For paralleled controllers, the SOFTSTART pins may be paralled to a single capacitor, but the charge currents
will be additive.
VC (Output Switch Supply Voltage): This pin supplies power to the output drivers and their associated bias
circuitry. Connect VC to a stable source above 3 V for normal operation, above 12 V for best performance. This
supply should be bypassed directly to the PWRGND pin with low ESR, low ESL capacitors
VIN (Primary Chip Supply Voltage): This pin supplies power to the logic and analog circuitry on the integrated
circuit that is not directly associated with driving the output stages. Connect VIN to a stable source above 12 V
for normal operation. To ensure proper chip functionality, these devices will be inactive until VIN exceeds the
upper undervoltage lockout threshold. This pin should by bypassed directly to the GND pin with low ESR, low
ESL capacitors.
NOTE
When VIN exceeds the UVLO threshold the supply current (IIN) will jump from about 100
µA to a current in excess of 20 µA. If the UC1875-SP is not connected to a well bypassed
supply, it may immediately enter UVLO again.
VREF: This pin is an accurate 5 V voltage reference. This output is capable of delivering about 60 mA to
peripheral circuitry and is internally short circuit current limited. VREF is disabled while VIN is low enough to
force the chip into UVLO. The circuit is also in UVLO until VREF reaches approximately 4.75 V. For best results
bypass VREF with a 0.1
µF, low ESR, low ESL, capacitor to the GND pin.
8
Submit Documentation Feedback
Copyright
© 2011, Texas Instruments Incorporated
Product Folder Link(s): UC1875-SP


Podobny numer części - UC1875-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
More results

Podobny opis - UC1875-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP_15 Datasheet
791Kb / 36P
[Old version datasheet]   Rad-Tolerant Class-V, Phase Shift Resonant Controller
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com