Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KTD1530 Arkusz danych(PDF) 1 Page - KEC(Korea Electronics)

Numer części KTD1530
Szczegółowy opis  TRIPLE DIFFUSED NPN TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  KEC [KEC(Korea Electronics)]
Strona internetowa  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1530 Arkusz danych(HTML) 1 Page - KEC(Korea Electronics)

  KTD1530 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1530 Datasheet HTML 2Page - KEC(Korea Electronics) KTD1530 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2012. 8. 21
1/3
SEMICONDUCTOR
TECHNICAL DATA
KTD1530
TRIPLE DIFFUSED NPN TRANSISTOR
Revision No : 0
HIGH POWER AMPLIFIER
DARLINGTON TRANSISTOR.
FEATURES
・Complementary to KTB2530.
・Recommended for 80W Audio Amplifier Output Stage.
MAXIMUM RATING (Ta=25
℃)
TO-3P(N)-E
K
A
D
B
d
PP
T
Q
1
2
3
M
N
O
E
A
MILLIMETERS
DIM
B
C
D
d
E
F
G
H
I
J
K
L
O
N
P
Q
M
19.90
0.20
2.00
0.20
1.00
0.20
3.00
0.20
3.80
0.20
3.50
0.20
13.90
0.20
12.76
0.20
23.40
0.20
1.5+0.15-0.05
16.50
0.30
1.40
0.20
13.60
0.20
9.60
0.20
5.45
0.30
R
T
0.60+0.15-0.05
15.60
0.20
+
_
4.80
0.20
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
3.20
0.10
+
_
18.70
0.20
+
_
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector Cut-off Current
ICBO
VCB=160V, IE=0
-
-
100
μA
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
100
μA
Collector-Emitter Breakdown Voltage
V(BR)CEO
IC=30mA, IB=0
150
-
-
V
DC Current Gain
hFE
VCE=4V, IC=7A
15,000
-
30,000
Collector-Emitter Saturation Voltage
VCE(sat)
IC=7A, IB=7mA
-
-
2.5
V
Base-Emitter Saturation Voltage
VBE(sat)
IC=7A, IB=7mA
-
-
3.0
V
Transition Frequency
fT
VCE=12V, IC=2A
-
50
-
MHz
Collector Output Capacitance
Cob
VCB=10V, f=1MHz, IE=0
-
230
-
pF
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
150
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
10
A
Base Current
IB
1
A
Collector PowerDissipation (Tc=25
℃)
PC
100
W
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55
~150
COLLECTOR
EMITTER
70
EQUIVALENT CIRCUIT
BASE


Podobny numer części - KTD1530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTD1510 KEC-KTD1510 Datasheet
300Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR(HIGH POWER AMPLIFIER DARLINGTON)
logo
Inchange Semiconductor ...
KTD1510 ISC-KTD1510 Datasheet
153Kb / 2P
   isc Silicon NPN Darlington Power Transistor
logo
KEC(Korea Electronics)
KTD1510 KEC-KTD1510_15 Datasheet
751Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results

Podobny opis - KTD1530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
KEC(Korea Electronics)
KTD998 KEC-KTD998_15 Datasheet
58Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13005DC KEC-MJE13005DC Datasheet
864Kb / 4P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE5555 KEC-MJE5555_15 Datasheet
448Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
MJE13003 KEC-MJE13003_15 Datasheet
59Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3003HV KEC-KTC3003HV_15 Datasheet
302Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
TIP35C KEC-TIP35C_15 Datasheet
294Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC3631D KEC-KTC3631D_15 Datasheet
835Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
logo
Galaxy Semi-Conductor H...
KTC4372 BILIN-KTC4372 Datasheet
222Kb / 4P
   Triple Diffused NPN Transistor
logo
KEC(Korea Electronics)
MJE13009 KEC-MJE13009 Datasheet
276Kb / 2P
   TRIPLE DIFFUSED NPN TRANSISTOR
KTC4521F KEC-KTC4521F_07 Datasheet
460Kb / 3P
   TRIPLE DIFFUSED NPN TRANSISTOR
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com