Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMBT2222A Arkusz danych(PDF) 2 Page - Formosa MS

Numer części FMBT2222A
Szczegółowy opis  600mA Silicon NPN Epitaxial Planar Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT2222A Arkusz danych(HTML) 2 Page - Formosa MS

  FMBT2222A Datasheet HTML 1Page - Formosa MS FMBT2222A Datasheet HTML 2Page - Formosa MS FMBT2222A Datasheet HTML 3Page - Formosa MS FMBT2222A Datasheet HTML 4Page - Formosa MS FMBT2222A Datasheet HTML 5Page - Formosa MS FMBT2222A Datasheet HTML 6Page - Formosa MS FMBT2222A Datasheet HTML 7Page - Formosa MS FMBT2222A Datasheet HTML 8Page - Formosa MS FMBT2222A Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Package outline
Page 2
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
600mA Silicon NPN Epitaxial Planar
Transistor
collector-emitterbreakdien voltage.
(BV
= 40V@I =10mA)
S
Lead-free parts for green partner, exceeds environmental
standards of MIL-STD-19500 /228
Features
CEO
C
mall load switch transistor with high gain and low
stauration voltage, is designed for general purpose
amflifier and switching applications at collector current.
Capable of 225mW power dissipation.
High
Suffix "-H" indicates Halogen-free part, ex.FMBT2222-H.
PARAMETER
Collector-Base voltage
Collector-Emitter voltage
Emitter-Base voltage
Collector current
Total device dissipation FR-5 board
(1)
Storage temperature
Operating temperature
CONDITIONS
Symbol
V
CBO
V
CEO
V
EBO
I
C
P
D
T
J
T
STG
FMBT2222
-55 ~ +150
-65 ~ +150
75
40
6.0
UNIT
V
V
V
mA
mW
oC
Maximum ratings (AT T =25 C unless otherwise noted)
A
o
Junction to ambient
R
θJA
OC/W
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case :
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Mounting Position : Any
Molded plastic, SOT-23
Weight : Approximated 0.008 gram
P
D
Thermal resistance
T= 25 C
A
O
Derate above 25 C
O
NPN Epitaxial Planar Transistor
Formosa MS
mW/ C
O
Total device dissipation alumina
substrate(2)
P
D
mW
Junction to ambient
R
θJA
OC/W
P
D
Thermal resistance
T= 25 C
A
O
Derate above 25 C
O
mW/ C
O
1.FR-5 = 1.0 X 0.75 X0.062 in.
2.Alumina = 0.4 X 0.3 X 0.024 in. 99.5% alumina.
FMBT2222A
60
30
5.0
600
556
225
1.8
417
300
2.4
FMBT2222 / FMBT2222A
Document ID
Issued Date
Revised Date
Revision
Page.
SOT-23
Dimensions in inches and (millimeters)
0.035 (0.89)
0.051 (1.30)
0.063 (1.60)
0.047 (1.20)
0.108 (2.75)
0.083 (2.10)
0.027 (0.67)
0.013 (0.32)
(A)
(B)
(C)
DS-231107
2008/02/10
2011/07/21
D
9


Podobny numer części - FMBT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FMBT2222A FCI-FMBT2222A Datasheet
715Kb / 3P
   FMBT2222A NPN Bipolar Transistor Epitaxial planar die construction
logo
Formosa MS
FMBT2222A FORMOSA-FMBT2222A Datasheet
434Kb / 9P
   SMD NPN Transistor
FMBT2222ADW1 FORMOSA-FMBT2222ADW1 Datasheet
130Kb / 10P
   Dual NPN Epitaxial Planar Transistor
FMBT2222AW FORMOSA-FMBT2222AW Datasheet
91Kb / 10P
   SMD NPN Transistor
More results

Podobny opis - FMBT2222A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT5550 FORMOSA-FMBT5550 Datasheet
409Kb / 8P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT4403 FORMOSA-FMBT4403 Datasheet
233Kb / 10P
   600mA Silicon PNP Epitaxial Planar Transistor
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com