Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FMBT4403 Arkusz danych(PDF) 1 Page - Formosa MS

Numer części FMBT4403
Szczegółowy opis  600mA Silicon PNP Epitaxial Planar Transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FORMOSA [Formosa MS]
Strona internetowa  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBT4403 Arkusz danych(HTML) 1 Page - Formosa MS

  FMBT4403 Datasheet HTML 1Page - Formosa MS FMBT4403 Datasheet HTML 2Page - Formosa MS FMBT4403 Datasheet HTML 3Page - Formosa MS FMBT4403 Datasheet HTML 4Page - Formosa MS FMBT4403 Datasheet HTML 5Page - Formosa MS FMBT4403 Datasheet HTML 6Page - Formosa MS FMBT4403 Datasheet HTML 7Page - Formosa MS FMBT4403 Datasheet HTML 8Page - Formosa MS FMBT4403 Datasheet HTML 9Page - Formosa MS Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Page 1
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
1
2
2
2
2,3
4
5, 6
7
7
7
8
9
9
10
List
List.................................................................................................
Package outline...............................................................................
Features..........................................................................................
Maximum ratings .............................................................................
Switching time equivalent test circuits................................................
Rating and characteristic curves........................................................
Pinning information...........................................................................
Marking...........................................................................................
Suggested solder pad layout.............................................................
Packing information..........................................................................
Reel packing....................................................................................
Suggested thermal profiles for soldering processes.............................
High reliability test capabilities..........................................................
Mechanical data...............................................................................
PNP Epitaxial Planar Transistor
Formosa MS
FMBT4403
Document ID
Issued Date
Revised Date
Revision
Page.
DS-231118
2008/02/10
2010/03/10
B
10


Podobny numer części - FMBT4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
First Components Intern...
FMBT4403 FCI-FMBT4403 Datasheet
73Kb / 2P
   PNP Switching Transistor Collector - Emitter Voltage VCEO 40
logo
Formosa MS
FMBT4403 FORMOSA-FMBT4403_17 Datasheet
232Kb / 10P
   SMD PNP Transistor
More results

Podobny opis - FMBT4403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Formosa MS
FMBT4401 FORMOSA-FMBT4401 Datasheet
168Kb / 10P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT5550 FORMOSA-FMBT5550 Datasheet
409Kb / 8P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT2222 FORMOSA-FMBT2222 Datasheet
601Kb / 9P
   600mA Silicon NPN Epitaxial Planar Transistor
FMBT2907 FORMOSA-FMBT2907 Datasheet
616Kb / 9P
   600mA General Purpose PNP Epitaxial Planar Transistor
logo
SeCoS Halbleitertechnol...
BCPA94 SECOS-BCPA94 Datasheet
224Kb / 2P
   PNP Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR502EF KODENSHI-SUR502EF Datasheet
254Kb / 5P
   Epitaxial planar PNP silicon transistor
logo
Sanken electric
2SB1259 SANKEN-2SB1259_07 Datasheet
36Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
2SB1382 SANKEN-2SB1382_07 Datasheet
35Kb / 1P
   Silicon PNP Epitaxial Planar Transistor
logo
Sanyo Semicon Device
FX513 SANYO-FX513 Datasheet
44Kb / 4P
   PNP EPITAXIAL PLANAR SILICON TRANSISTOR
logo
Hi-Sincerity Mocroelect...
HSB649T HSMC-HSB649T Datasheet
43Kb / 4P
   SILICON PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com