Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS5A23157-Q1 Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części TS5A23157-Q1
Szczegółowy opis  DUAL 15-W SPDT ANALOG SWITCH
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

TS5A23157-Q1 Arkusz danych(HTML) 1 Page - Texas Instruments

  TS5A23157-Q1 Datasheet HTML 1Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 2Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 3Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 4Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 5Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 6Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 7Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 8Page - Texas Instruments TS5A23157-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
www.ti.com
FEATURES
APPLICATIONS
IN2
DGS PACKAGE
(TOP VIEW)
1
2
3
4
5
10
9
8
7
6
IN1
NO1
GND
NO2
V+
NC1
COM1
NC2
COM2
TS5A23157
DESCRIPTION
TS5A23157-Q1
DUAL 15-
Ω SPDT ANALOG SWITCH
SCDS252 – JULY 2007
• Sample-and-Hold Circuits
• Qualified for Automotive Applications
• Battery-Powered Equipment
• Customer-Specific Configuration Control Can
• Audio and Video Signal Routing
Be Supported Along With Major-Change
Approval
• Communication Circuits
• Specified Break-Before-Make Switching
• Low ON-State Resistance (15 Ω)
• Control Inputs Are 5-V Tolerant
• Low Charge Injection
• Excellent ON-Resistance Matching
• Low Total Harmonic Distortion
• 1.8-V to 5.5-V Single-Supply Operation
The TS5A23157 is a dual, single-pole, double-throw (SPDT) analog switch designed to operate from 1.65 V to
5.5 V. This device can handle both digital and analog signals. Signals up to 5.5 V (peak) can be transmitted in
either direction.
ORDERING INFORMATION
TA
PACKAGE
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–40
°C to 105°C
VSSOP (MSOP-10) – DGS
Tape and reel
TS5A23157TDGSRQ1
JBR
FUNCTION TABLE
INPUT
NC TO COM,
NO TO COM,
IN
COM TO NC
COM TO NO
L
ON
OFF
H
OFF
ON
SUMMARY OF CHARACTERISTICS
2:1 Multiplexer/
Configuration
Demultiplexer
(2
× SPDT)
Number of channels
2
ron
15
Δron
0.15
ron(flat)
4
tON/tOFF
8.7 ns/6.8 ns
tBBM
0.5 ns
Charge injection
7 pC
Bandwidth
220 MHz
OFF isolation
–65 dB at 10 MHz
Crosstalk
–66 dB at 10 MHz
Total harmonic distortion
0.01%
ICOM(off)/INC(OFF)
±1 μA
Package option
10-pin DGS
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Podobny numer części - TS5A23157-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI1-TS5A23157-Q1 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
More results

Podobny opis - TS5A23157-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TS5A23157-Q1 TI-TS5A23157-Q1_15 Datasheet
747Kb / 20P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A23157-Q1 TI1-TS5A23157-Q1_14 Datasheet
784Kb / 21P
[Old version datasheet]   DUAL 15-廓 SPDT ANALOG SWITCH
TS5A3159-EP TI1-TS5A3159-EP_14 Datasheet
876Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
TS5A3159-EP TI-TS5A3159-EP_15 Datasheet
802Kb / 26P
[Old version datasheet]   1-W SPDT ANALOG SWITCH
logo
ON Semiconductor
NLAS5223C ONSEMI-NLAS5223C Datasheet
117Kb / 10P
   Dual SPDT Analog Switch
September, 2015 ??Rev. 2
logo
Vishay Siliconix
DG9236 VISHAY-DG9236 Datasheet
269Kb / 12P
   Dual SPDT Analog Switch
Rev. B, 25-Apr-11
logo
Protek Devices
PA2268 PROTEC-PA2268_15 Datasheet
154Kb / 9P
   DUAL SPDT ANALOG SWITCH
logo
Vishay Siliconix
DG9636 VISHAY-DG9636 Datasheet
185Kb / 10P
   Dual SPDT Analog Switch
Rev. B, 06-Sep-10
DG9636 VISHAY-DG9636_V01 Datasheet
185Kb / 12P
   Dual SPDT Analog Switch
08-Feb-17
DG9236 VISHAY-DG9236_V01 Datasheet
256Kb / 13P
   Dual SPDT Analog Switch
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com