Zakładka z wyszukiwarką danych komponentów |
|
74HCT4060BQ-Q100 Arkusz danych(PDF) 1 Page - NXP Semiconductors |
|
74HCT4060BQ-Q100 Arkusz danych(HTML) 1 Page - NXP Semiconductors |
1 / 24 page 1. General description The 74HC4060-Q100; 74HCT4060-Q100 are high-speed Si-gate CMOS devices that comply with JEDEC standard no. 7A. They are pin compatible with Low-power Schottky TTL (LSTTL). The 74HC4060-Q100; 74HCT4060-Q100 are 14-stage ripple-carry counter/dividers and oscillators with three oscillator terminals (RS, RTC and CTC), ten buffered outputs (Q3 to Q9 and Q11 to Q13) and an overriding asynchronous master reset (MR). The oscillator configuration allows design of either RC or crystal oscillator circuits. The oscillator may be replaced by an external clock signal at input RS. In this case keep the other oscillator pins (RTC and CTC) floating. The counter advances on the negative-going transition of RS. A HIGH level on MR resets the counter (Q3 to Q9 and Q11 to Q13 = LOW), independent of other input conditions. In the HCT version, the MR input is TTL compatible, but the RS input has CMOS input switching levels and can be driven by a TTL output by using a pull-up resistor to VCC. This product has been qualified to the Automotive Electronics Council (AEC) standard Q100 (Grade 1) and is suitable for use in automotive applications. 2. Features and benefits Automotive product qualification in accordance with AEC-Q100 (Grade 1) Specified from 40 C to +85 C and from 40 C to +125 C All active components on chip RC or crystal oscillator configuration ESD protection: MIL-STD-883, method 3015 exceeds 2000 V HBM JESD22-A114F exceeds 2000 V MM JESD22-A115-A exceeds 200 V (C = 200 pF, R = 0 ) Multiple package options 3. Applications Control counters Timers Frequency dividers Time-delay circuits 74HC4060-Q100; 74HCT4060-Q100 14-stage binary ripple counter with oscillator Rev. 1 — 2 August 2012 Product data sheet |
Podobny numer części - 74HCT4060BQ-Q100 |
|
Podobny opis - 74HCT4060BQ-Q100 |