Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C50PQM66EP Arkusz danych(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C50PQM66EP
Szczegółowy opis  DIGITAL SIGNAL PROCESSOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50PQM66EP Arkusz danych(HTML) 7 Page - Texas Instruments

Back Button SM320C50PQM66EP Datasheet HTML 3Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 4Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 5Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 6Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 7Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 8Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 9Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 10Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
SM320C50EP
DIGITAL SIGNAL PROCESSOR
SGUS040A − AUGUST 2002 − REVISED JANUARY 2006
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
Terminal Functions (Continued)
TERMINAL
DESCRIPTION
NAME
TYPE†
DESCRIPTION
OSCILLATOR / TIMER SIGNALS (CONTINUED)
CLKMD1
CLKMD2
I
CLKMD1
CLKMD2
Clock mode
0
0
External clock with divide-by-two option. Input clock is provided to X2/CLKIN1. Internal
oscillator and PLL are disabled.
0
1
Reserved for test purposes
1
0
External divide-by-one option. Input clock is provided to CLKIN2. Internal oscillator is
disabled and internal PLL is enabled.
1
1
Internal or external divide-by-two option. Input clock is provided to X2/CLKIN1. Internal
oscillator is enabled and internal PLL is disabled.
X2 / CLKIN
I
Input to the internal oscillator from the crystal. If the internal oscillator is not being used, a clock can be input to the
device on X2 / CLKIN. The internal machine cycle is half this clock rate.
X1
O
Output from the internal oscillator for the crystal. If the internal oscillator is not used, X1 must be left unconnected.
This signal does not go to the high-impedance state when OFF is active (low).
CLKIN2
I
Divide-by-one input clock for driving the internal machine rate.
TOUT
O
Timer output. TOUT signals a pulse when the on-chip timer counts down past zero. The pulse is a CLKOUT1 cycle
wide.
SUPPLY PINS
VDD1
VDD2
VDD3
VDD4
I
Power supply for data bus
VDD5
VDD6
I
Power supply for address bus
VDD7
VDD8
I
Power supply for inputs and internal logic
VDD9
VDD10
I
Power supply for address bus
VDD11
VDD12
I
Power supply for memory control signals
VDD13
VDD14
I
Power supply for inputs and internal logic
VDD15
VDD16
I
Power supply for memory control signals
VSS1
VSS2
I
Ground for memory control signals
VSS3
VSS4
VSS5
VSS6
I
Ground for data bus
VSS7
VSS8
VSS9
VSS10
I
Ground for address bus
VSS11
VSS12
I
Ground for memory control signals
VSS13
VSS14
VSS15
VSS16
I
Ground for inputs and internal logic
† I = Input, O = Output, Z = High-Impedance


Podobny numer części - SM320C50PQM66EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C50 TI1-SM320C50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM50 TI1-SM320C50GFAM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM66 TI1-SM320C50GFAM66 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50HFGM50 TI1-SM320C50HFGM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C50PQM66EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com