Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM320C50PQM66EP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części SM320C50PQM66EP
Szczegółowy opis  DIGITAL SIGNAL PROCESSOR
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SM320C50PQM66EP Arkusz danych(HTML) 1 Page - Texas Instruments

  SM320C50PQM66EP Datasheet HTML 1Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 2Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 3Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 4Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 5Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 6Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 7Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 8Page - Texas Instruments SM320C50PQM66EP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
SM320C50EP
DIGITAL SIGNAL PROCESSOR
SGUS040A − AUGUST 2002 − REVISED JANUARY 2006
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
D Controlled Baseline
− One Assembly/Test Site, One Fabrication
Site
D Enhanced Diminishing Manufacturing
Sources (DMS) Support
D Enhanced Product Change Notification
D Qualification Pedigree
D Military Operating Temperature Range:
−55
°C to 125°C
D Industrial Operating Temperature Range:
−40
°C to 85°C
D Fast Instruction Cycle Time (30 ns and
40 ns) and 25 ns for Industrial Temp Range
D Source-Code Compatible With All
TMS320C1x and TMS320C2x Devices
D RAM-Based Operation
− 9K
× 16-Bit Single-Cycle On-Chip
Program/Data RAM
− 1056
× 16-Bit Dual-Access On-Chip
Data RAM
D 2K × 16-Bit On-Chip Boot ROM
D 224K × 16-Bit Maximum Addressable
External Memory Space (64K Program,
64K Data, 64K I/O, and 32K Global)
D 32-Bit Arithmetic Logic Unit (ALU)
− 32-bit Accumulator (ACC)
− 32-Bit Accumulator Buffer (ACCB)
D 16-Bit Parallel Logic Unit (PLU)
D 16 × 16-Bit Multiplier, 32-Bit Product
D 11 Context-Switch Registers
D Two Buffers for Circular Addressing
D Full-Duplex Synchronous Serial Port
D Time-Division Multiplexed Serial Port (TDM)
D Timer With Control and Counter Registers
D 16 Software-Programmable Wait-State
Generators
D Divide-by-One Clock Option
D IEEE 1149.1Boundary Scan Logic
D Operations Are Fully Static
D Enhanced Performance Implanted CMOS
(EPIC
) Technology Fabricated by Texas
Instruments
D Packaging
− 132-Lead Plastic Quad Flat Package
(PQ Suffix)
description
The SM320C50-EP digital signal processor (DSP) is a high-performance, 16-bit, fixed-point processor
manufactured in 0.72-
µm double-level metal CMOS technology. The C50 is the first DSP from TI designed as
a fully static device. Full-static CMOS design contributes to low power consumption while maintaining high
performance, making it ideal for applications such as battery-operated communications systems, satellite
systems, and advanced control algorithms.
PQ PACKAGE
(TOP VIEW)
1
17
18
117
116
50
51
83
84
132
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright
 2006, Texas Instruments Incorporated
† Component qualification in accordance with JEDEC and industry standards to ensure reliable operation over an extended temperature range.
This includes, but is not limited to, Highly Accelerated Stress Test (HAST) or biased 85/85, temperature cycle, autoclave or unbiased HAST,
electromigration, bond intermetallic life, and mold compound life. Such qualification testing should not be viewed as justifying use of this
component beyond specified performance and environmental limits.
‡ EEE Standard 1149.1-1990 Standard-Test-Access Port and Boundary Scan Architecture
EPIC is a trademark of Texas Instruments.
All trademarks are the property of their respective owners.


Podobny numer części - SM320C50PQM66EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SM320C50 TI1-SM320C50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM50 TI1-SM320C50GFAM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50GFAM66 TI1-SM320C50GFAM66 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C50HFGM50 TI1-SM320C50HFGM50 Datasheet
1Mb / 37P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results

Podobny opis - SM320C50PQM66EP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SMJ320C30 TI-SMJ320C30 Datasheet
726Kb / 47P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C32 TI-TMS320C32 Datasheet
645Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320VC33 TI-TMS320VC33 Datasheet
654Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320C30 TI1-TMS320C30_16 Datasheet
753Kb / 53P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320C26B TI1-SM320C26B Datasheet
448Kb / 42P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
logo
Samsung semiconductor
S5L9286F02 SAMSUNG-S5L9286F02 Datasheet
598Kb / 35P
   DIGITAL SIGNAL PROCESSOR
logo
Texas Instruments
TMS320P25 TI-TMS320P25 Datasheet
763Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_06 Datasheet
832Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
TMS320F206 TI-TMS320F206_07 Datasheet
826Kb / 58P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
SM320F2812-HT TI-SM320F2812-HT Datasheet
1Mb / 155P
[Old version datasheet]   Digital Signal Processor
SM320C32-EP TI1-SM320C32-EP Datasheet
621Kb / 44P
[Old version datasheet]   DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com