Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SIZ918DT Arkusz danych(PDF) 1 Page - Vishay Siliconix

Numer części SIZ918DT
Szczegółowy opis  Dual N-Channel 30 V (D-S) MOSFETs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VISHAY [Vishay Siliconix]
Strona internetowa  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SIZ918DT Arkusz danych(HTML) 1 Page - Vishay Siliconix

  SIZ918DT Datasheet HTML 1Page - Vishay Siliconix SIZ918DT Datasheet HTML 2Page - Vishay Siliconix SIZ918DT Datasheet HTML 3Page - Vishay Siliconix SIZ918DT Datasheet HTML 4Page - Vishay Siliconix SIZ918DT Datasheet HTML 5Page - Vishay Siliconix SIZ918DT Datasheet HTML 6Page - Vishay Siliconix SIZ918DT Datasheet HTML 7Page - Vishay Siliconix SIZ918DT Datasheet HTML 8Page - Vishay Siliconix SIZ918DT Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Vishay Siliconix
SiZ918DT
New Product
Document Number: 63783
S12-0543 Rev. A, 12-Mar-12
www.vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
For more information please contact: pmostechsupport@vishay.com
Dual N-Channel 30 V (D-S) MOSFETs
FEATURES
TrenchFET® Power MOSFETs
100 % Rg and UIS Tested
Material categorization:
For definitions of compliance please see
www.vishay.com/doc?99912
APPLICATIONS
Notebook System Power
POL
Synchronous Buck Converter
Notes:
a. Package limited.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 10 s.
d. See solder profile (www.vishay.com/doc?73257). The PowerPAIR is a leadless package. The end of the lead terminal is exposed copper (not
plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed and is not required
to ensure adequate bottom side solder interconnection.
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components.
f. Maximum under steady state conditions is 65 °C/W for channel-1 and 55 °C/W for channel-2.
PRODUCT SUMMARY
VDS (V)
RDS(on) () (Max.)
ID (A) Qg (Typ.)
Channel-1
30
0.0120 at VGS = 10 V
16a
6.8 nC
0.0145 at VGS = 4.5 V
16a
Channel-2
30
0.0037 at VGS = 10 V
28a
32 nC
0.0045 at VGS = 4.5 V
28a
S2
G2
G1
D1
D1
6
7
8
3
2
1
D1
S1/D2
5 mm
6 mm
D1
4
5
Pin 1
Ordering Information: SiZ918DT-T1-GE3 (Lead (Pb)-free and Halogen-free)
PowerPAIR® 6 x 5
Pin 9
D1
S2
N-Channel 2
MOSFET
N-Channel 1
MOSFET
G1
S1/D2
G2
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
Parameter
Symbol
Channel-1
Channel-2
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
TC = 25 °C
ID
16a
28a
A
TC = 70 °C
16a
28a
TA = 25 °C
14.3b, c
26a, b, c
TA = 70 °C
11.4b, c
21a, b, c
Pulsed Drain Current (t = 300 µs)
IDM
50
110
Continuous Source Drain Diode Current
TC = 25 °C
IS
16a
28a
TA = 25 °C
3.4b, c
4.3b, c
Single Pulse Avalanche Current
L = 0.1 mH
IAS
18
35
Single Pulse Avalanche Energy
EAS
16
61
mJ
Maximum Power Dissipation
TC = 25 °C
PD
29
100
W
TC = 70 °C
18
64
TA = 25 °C
4.2b, c
5.2b, c
TA = 70 °C
2.7b, c
3.3b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
Soldering Recommendations (Peak Temperature)d, e
260
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Channel-1
Channel-2
Unit
Typ.
Max.
Typ.
Max.
Maximum Junction-to-Ambientb, f
t
 10 s
RthJA
24
30
19
24
°C/W
Maximum Junction-to-Case (Drain)
Steady State
RthJC
3.4
4.3
1
1.25


Podobny numer części - SIZ918DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Telefunken
SIZ918DT TFUNK-SIZ918DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ918DT VISHAY-SIZ918DT Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results

Podobny opis - SIZ918DT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
SIZ300DT VISHAY-SIZ300DT_12 Datasheet
330Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. D, 11-Jun-12
SIZ920DT VISHAY-SIZ920DT Datasheet
212Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. A, 30-Apr-12
SIZ902DT VISHAY-SIZ902DT Datasheet
222Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 28-Nov-11
SIZ998DT VISHAY-SIZ998DT Datasheet
244Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ918DT VISHAY-SIZ918DT_V01 Datasheet
226Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ300DT VISHAY-SIZ300DT Datasheet
269Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
Rev. B, 15-Aug-11
logo
Vishay Telefunken
SIZ902DT TFUNK-SIZ902DT Datasheet
223Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
logo
Vishay Siliconix
SIZ200DT VISHAY-SIZ200DT Datasheet
308Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
SIZ900DT VISHAY-SIZ900DT_V01 Datasheet
209Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
08-Feb-17
SIZ904DT VISHAY-SIZ904DT_V01 Datasheet
238Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFETs
09-Jul-2021
SIZ910DT VISHAY-SIZ910DT_V01 Datasheet
167Kb / 12P
   Dual N-Channel 30 V (D-S) MOSFETs
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com