Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74ACT7206L Arkusz danych(PDF) 9 Page - Texas Instruments

Numer części SN74ACT7206L
Szczegółowy opis  ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ACT7206L Arkusz danych(HTML) 9 Page - Texas Instruments

Back Button SN74ACT7206L Datasheet HTML 5Page - Texas Instruments SN74ACT7206L Datasheet HTML 6Page - Texas Instruments SN74ACT7206L Datasheet HTML 7Page - Texas Instruments SN74ACT7206L Datasheet HTML 8Page - Texas Instruments SN74ACT7206L Datasheet HTML 9Page - Texas Instruments SN74ACT7206L Datasheet HTML 10Page - Texas Instruments SN74ACT7206L Datasheet HTML 11Page - Texas Instruments SN74ACT7206L Datasheet HTML 12Page - Texas Instruments SN74ACT7206L Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
SN74ACT7203L, SN74ACT7204L, SN74ACT7205L, SN74ACT7206L
2048 × 9, 4096 × 9, 8192 × 9, 16384 × 9
ASYNCHRONOUS FIRST IN, FIRST OUT MEMORIES
SCAS226A − FEBRUARY 1993 − REVISED SEPTEMBER 1995
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing requirements over recommended ranges of supply voltage and operating free-air
temperature (unless otherwise noted)
FIGURE
′ACT7203L-15
′ACT7204L-15
′ACT7205L-15
′ACT7206L-15
′ACT7203L-25
′ACT7204L-25
′ACT7205L-25
′ACT7206L-25
′ACT7203L-50
′ACT7204L-50
′ACT7205L-50
′ACT7206L-50
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency, R or W
40
28.5
15
MHz
tc(R)
Cycle time, read
1(a)
25
35
65
ns
tc(W)
Cycle time, write
1(b)
25
35
65
ns
tc(RS)
Cycle time, reset
7
25
35
65
ns
tc(RT)
Cycle time, retransmit
4
25
35
65
ns
tw(RL)
Pulse duration, R low
1(a)
15
25
50
ns
tw(WL)
Pulse duration, W low
1(b)
15
25
50
ns
tw(RH)
Pulse duration, R high
1(a)
10
10
15
ns
tw(WH)
Pulse duration, W high
1(b)
10
10
15
ns
tw(RT)
Pulse duration, FL/RT low
4
15
25
50
ns
tw(RS)
Pulse duration, RS low
7
15
25
50
ns
tw(XIL)
Pulse duration, XI low
10
15
25
50
ns
tw(XIH)
Pulse duration, XI high
10
10
10
10
ns
tsu(D)
Setup time, data before W
1(b), 6
11
15
30
ns
tsu(RT)
Setup time, R and W high before FL /RT
↑†
4
15
25
50
ns
tsu(RS)
Setup time, R and W high before RS
↑†
7
15
25
50
ns
tsu(XI-R)
Setup time, XI low before R
10
10
10
15
ns
tsu(XI-W) Setup time, XI low before W↓
10
10
10
15
ns
th(D)
Hold time, data after W
1(b), 6
0
0
5
ns
th(E-R)
Hold time, R low after EF
5, 11
15
25
50
ns
th(F-W)
Hold time, W low after FF
6, 12
15
25
50
ns
th(RT)
Hold time, R and W high after FL /RT
4
10
10
15
ns
th(RS)
Hold time, R and W high after RS
7
10
10
15
ns
† These values are characterized but not currently tested.


Podobny numer części - SN74ACT7206L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT7200L TI-SN74ACT7200L Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15DV TI-SN74ACT7200L15DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15NP TI-SN74ACT7200L15NP Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L15RJ TI-SN74ACT7200L15RJ Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7200L20DV TI-SN74ACT7200L20DV Datasheet
305Kb / 23P
[Old version datasheet]   256 횞 9, 512 횞 9, 1024 횞 9 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Podobny opis - SN74ACT7206L

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI1-SN74ALVC3631_07 Datasheet
476Kb / 29P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT2236 TI1-SN74ACT2236 Datasheet
238Kb / 14P
[Old version datasheet]   1024x9x2 ASYNCHRONOUS BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com