Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BZY97C36 Arkusz danych(PDF) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

Numer części BZY97C36
Szczegółowy opis  ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TAYCHIPST [Shenzhen Taychipst Electronic Co., Ltd]
Strona internetowa  http://www.taychipst.com
Logo TAYCHIPST - Shenzhen Taychipst Electronic Co., Ltd

BZY97C36 Arkusz danych(HTML) 3 Page - Shenzhen Taychipst Electronic Co., Ltd

  BZY97C36 Datasheet HTML 1Page - Shenzhen Taychipst Electronic Co., Ltd BZY97C36 Datasheet HTML 2Page - Shenzhen Taychipst Electronic Co., Ltd BZY97C36 Datasheet HTML 3Page - Shenzhen Taychipst Electronic Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES
BZY97 SERIES
BZY97 SERIES
3 of 3
E-mail: sales@taychipst.com
Web Site: www.taychipst.com
3.9V-200V
1.5W
ZENER DIODES
Figure 1. Admissible Power Dissipation
Figure 2. Pulse Thermal Resistance
C
°
Figure 4. Dynamic Resistance
Figure 5. Dynamic Resistance
vs. Ambient Temperature
vs. Zener Current
vs. Pulse Duration
vs. Zener Current
Figure 3. Dynamic Resistance
vs. Zener Current


Podobny numer części - BZY97C36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BZY97C36 BILIN-BZY97C36 Datasheet
239Kb / 5P
   ZENER DIODES
logo
SUNMATE electronic Co.,...
BZY97C36 SUNMATE-BZY97C36 Datasheet
141Kb / 2P
   1.5Watts Axial leaded Zener Diodes
BZY97C36 SUNMATE-BZY97C36 Datasheet
601Kb / 3P
   AXIAL LEADED SILICON ZENER DIODES
logo
Shenzhen Luguang Electr...
BZY97C36 LUGUANG-BZY97C36 Datasheet
2Mb / 5P
   Zener Diodes
logo
List of Unclassifed Man...
BZY97C36GP ETC1-BZY97C36GP Datasheet
74Kb / 5P
   1.5 W Zener Diodes
More results

Podobny opis - BZY97C36

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
RZ39A STMICROELECTRONICS-RZ39A Datasheet
555Kb / 3P
   ZENER DIODES DIODES ZENER
logo
Sangdest Microelectroni...
1N5225 SMC-1N5225 Datasheet
205Kb / 5P
   ZENER DIODES Diodes
logo
Hi-Sincerity Mocroelect...
HMBZ5221B HSMC-HMBZ5221B Datasheet
86Kb / 12P
   ZENER DIODES
logo
Vishay Siliconix
1N4728 VISHAY-1N4728 Datasheet
46Kb / 3P
   Zener Diodes
18-Apr-02
logo
General Semiconductor
BZX84 GE-BZX84 Datasheet
396Kb / 9P
   Zener Diodes
logo
Motorola, Inc
1N2804 MOTOROLA-1N2804 Datasheet
145Kb / 4P
   ZENER DIODES
logo
General Semiconductor
1N4681 GE-1N4681 Datasheet
40Kb / 2P
   ZENER DIODES
1N746 GE-1N746 Datasheet
36Kb / 2P
   ZENER DIODES
logo
Vishay Siliconix
BZY97-C3V9 VISHAY-BZY97-C3V9 Datasheet
164Kb / 5P
   Zener Diodes
29-Apr-02
logo
Guangdong Kexin Industr...
1SMA4728 KEXIN-1SMA4728 Datasheet
1Mb / 5P
   Zener Diodes
1SMA5914 KEXIN-1SMA5914 Datasheet
1Mb / 4P
   Zener Diodes
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com