Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM317MSTT3 Arkusz danych(PDF) 9 Page - ON Semiconductor

Numer części LM317MSTT3
Szczegółowy opis  500 mA Adjustable Output, Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LM317MSTT3 Arkusz danych(HTML) 9 Page - ON Semiconductor

Back Button LM317MSTT3 Datasheet HTML 5Page - ON Semiconductor LM317MSTT3 Datasheet HTML 6Page - ON Semiconductor LM317MSTT3 Datasheet HTML 7Page - ON Semiconductor LM317MSTT3 Datasheet HTML 8Page - ON Semiconductor LM317MSTT3 Datasheet HTML 9Page - ON Semiconductor LM317MSTT3 Datasheet HTML 10Page - ON Semiconductor LM317MSTT3 Datasheet HTML 11Page - ON Semiconductor LM317MSTT3 Datasheet HTML 12Page - ON Semiconductor LM317MSTT3 Datasheet HTML 13Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LM317M, NCV317MAB, NCV317MB
http://onsemi.com
9
Figure 21. Adjustable Current Limiter
Figure 22. 5 V Electronic Shutdown Regulator
Figure 23. Slow Turn−On Regulator
Figure 24. Current Regulator
Vref
+25V
Vin
LM317M
Vout
R1
VO
1.25k
Adjust
IO
D2
1N914
1N5314
R2
500
* To provide current limiting of IO
to the system ground, the source of
the current limiting diode must be tied to
a negative voltage below -7.25 V.
R2
Vref
R1 =
VSS*
D1
1N914
VO < POV + 1.25 V + VSS
ILmin - IP < IO < 500 mA - IP
As shown O < IO < 495 mA
+
10
mF
Vin
Vout
240
1N4001
LM317M
Adjust
MPS2907
R2
50k
Vin
D1
1N4002
Vout
120
Adjust
720
+
1.0
mF
MPS2222
1.0k
TTL
Control
LM317M
Minimum Vout = 1.25 V
D1 protects the device during an input short circuit.
LM317M
Vin
R1
R2
Adjust
IAdj
Iout
5.0 mA < Iout < 500 mA
Vout
Ioutmax =
Vref
+ IAdj ^
1.25 V
R1 + R2
Vout
Vout
Vin
IDSS
IOmax + IDSS
R1 + R2
40
50
60
70
80
90
100
0
0.4
0.8
1.2
1.6
2.0
2.4
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper
Figure 25. DPAK Thermal Resistance and Maximum
Power Dissipation versus PCB Copper Length
Figure 26. SOT−223 Thermal Resistance and Maximum
Power Dissipation versus PCB Copper Length
40
80
120
160
200
240
280
0.35
0.42
0.50
0.63
0.83
1.25
2.50
010
20
30
25
15
5.0
L, LENGTH OF COPPER (mm)
PD(max) for TA = 50°C
Minimum
Size Pad
L
L
Free Air
Mounted
Vertically
RqJA
2.0 oz. Copper


Podobny numer części - LM317MSTT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM317MSTT3 ONSEMI-LM317MSTT3 Datasheet
232Kb / 16P
   Three-Terminal Adjustable Output Positive Voltage Regulator
August, 2004 ??Rev. 12
LM317MSTT3 ONSEMI-LM317MSTT3 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
LM317MSTT3G ONSEMI-LM317MSTT3G Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
More results

Podobny opis - LM317MSTT3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LM317M ONSEMI-LM317M_14 Datasheet
141Kb / 14P
   500 mA Adjustable Output Positive Voltage Regulator
August, 2014 ??Rev. 24
LM317M ONSEMI-LM317M_06 Datasheet
159Kb / 13P
   500 mA Adjustable Output, Positive Voltage Regulator
August, 2006 ??Rev. 14
logo
Estek Electronics Co. L...
IL317L ESTEK-IL317L Datasheet
213Kb / 2P
   100 mA Adjustable Output Positive Voltage Regulator
ET-IL317L ESTEK-ET-IL317L Datasheet
178Kb / 2P
   100 mA Adjustable output Positive Voltage Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L_11 Datasheet
144Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
March, 2008 - Rev. 11
LM317L ONSEMI-LM317L_V01 Datasheet
337Kb / 15P
   Voltage Regulator - Adjustable Output, Positive 100 mA
April, 2021 - Rev. 14
LM317L ONSEMI-LM317L_05 Datasheet
131Kb / 12P
   100 mA Adjustable Output, Positive Voltage Regulator
October, 2005 ??Rev. 8
logo
Toshiba Semiconductor
TA58MS00F TOSHIBA-TA58MS00F Datasheet
218Kb / 8P
   500-mA Adjustable-Output Voltage Regulator with On/Off Switch
2009-09-30
logo
KODENSHI_AUK CORP.
SN317L KODENSHI-SN317L Datasheet
387Kb / 8P
   [100mA /Adjustable Output] Positive Voltage Regulator
logo
New Japan Radio
NJW4106 NJRC-NJW4106 Datasheet
715Kb / 15P
   HIGH VOLTAGE IO = 500 mA ADJUSTABLE LDO REGULATOR
Ver.1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com