Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SN74AHC123AMDREP Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części SN74AHC123AMDREP
Szczegółowy opis  DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC123AMDREP Arkusz danych(HTML) 5 Page - Texas Instruments

  SN74AHC123AMDREP Datasheet HTML 1Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 2Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 3Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 4Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 5Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 6Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 7Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 8Page - Texas Instruments SN74AHC123AMDREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
www.ti.com
Timing Requirements
Timing Requirements
Switching Characteristics
SN74AHC123A-EP
DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
SCLS703A – JULY 2006 – REVISED MARCH 2007
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MIN
TYP
MAX
CLR
5
5
tw
Pulse duration
ns
A or B trigger
5
5
Rext = 1 kΩ, Cext = 100 pF
(1)
76
(1)
ns
trr
Pulse retirgger time
Rext = 1 kΩ, Cext = 0.01 µF
(1)
1.8
(1)
µs
(1)
See retriggering data in the application information section.
over recommended operating free-air temperature range, V
CC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
MIN
TYP
MAX
CLR
5
5
tw
Pulse duration
ns
A or B trigger
5
5
Rext = 1 kΩ, Cext = 100 pF
(1)
59
(1)
ns
trr
Pulse retirgger time
Rext = 1 kΩ, Cext = 0.01 µF
(1)
1.5
(1)
µs
(1)
See retriggering data in the application information section.
over recommended operating free-air temperature range, V
CC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
TA = 25°C
FROM
TO
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
tPLH
9.5(1) 20.6(1)
1(1)
24(1)
A or B
Q or Q
CL = 15 pF
ns
tPHL
10.2(1) 20.6(1)
1(1)
24(1)
tPLH
7.5(1) 15.8(1)
1(1) 18.5(1)
CLR
Q or Q
CL = 15 pF
ns
tPHL
9.3(1) 15.8(1)
1(1) 18.5(1)
tPLH
10(1) 22.4(1)
1(1)
26(1)
CLR trigger
Q or Q
CL = 15 pF
ns
tPHL
10.6(1) 22.4(1)
1(1)
26(1)
tPLH
10.5
24.1
1
27.5
A or B
Q or Q
CL = 50 pF
ns
tPHL
11.8
24.1
1
27.5
tPLH
8.9
19.3
1
22
CLR
Q or Q
CL = 50 pF
ns
tPHL
10.5
19.3
1
22
tPLH
11
25.9
1
29.5
CLR trigger
Q or Q
CL = 50 pF
ns
tPHL
12.3
25.9
1
29.5
CL = 50 pF,
Cext = 28 µF,
182
240
300
ns
Rext = 2 kΩ
CL = 50 pF,
tw(2)
Q or Q
Cext = 0.01 µF,
90
100
110
90
110
µs
Rext = 10 kΩ
CL = 50 pF,
Cext = 0.1 µF,
0.9
1
1.1
0.9
1.1
ms
Rext = 10 kΩ
∆t
w
(3)
±1%
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
(2)
tw = Pulse duration at Q and Q outputs
(3)
∆t
w = Output pulse-duration variation (Q and Q) between circuits in same package
5
Submit Documentation Feedback


Podobny numer części - SN74AHC123AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
SN74AHC123A TI-SN74AHC123A Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHC123A TI1-SN74AHC123A Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHC123A-EP TI1-SN74AHC123A-EP Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHC123AD TI-SN74AHC123AD Datasheet
637Kb / 23P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
SN74AHC123AD TI1-SN74AHC123AD Datasheet
1Mb / 28P
[Old version datasheet]   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATORS
More results

Podobny opis - SN74AHC123AMDREP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M74HC123 STMICROELECTRONICS-M74HC123 Datasheet
503Kb / 12P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Toshiba Semiconductor
TC74HC423AP TOSHIBA-TC74HC423AP Datasheet
435Kb / 9P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC423A FAIRCHILD-MM74HC423A Datasheet
108Kb / 10P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC4538AP TOSHIBA-TC74HC4538AP Datasheet
477Kb / 10P
   DUAL RETRIGGERABLE MONOSTABLE MULTIVIBRATOR
logo
Fairchild Semiconductor
MM74HC123A FAIRCHILD-MM74HC123A_01 Datasheet
133Kb / 10P
   Dual Retriggerable Monostable Multivibrator
74VHC123A FAIRCHILD-74VHC123A_07 Datasheet
468Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
Toshiba Semiconductor
TC74HC123AP TOSHIBA-TC74HC123AP_07 Datasheet
505Kb / 14P
   Dual Retriggerable Monostable Multivibrator
logo
National Semiconductor ...
MM54HC123A NSC-MM54HC123A Datasheet
198Kb / 6P
   Dual Retriggerable Monostable Multivibrator
logo
Microsemi Corporation
TSC347 MICROSEMI-TSC347 Datasheet
600Kb / 4P
   Dual Retriggerable Monostable Multivibrator
logo
ON Semiconductor
74VHC123A ONSEMI-74VHC123A Datasheet
467Kb / 16P
   Dual Retriggerable Monostable Multivibrator
May 2007 Rev. 1.2
logo
Fairchild Semiconductor
74VHC123ASJX FAIRCHILD-74VHC123ASJX Datasheet
469Kb / 14P
   Dual Retriggerable Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com