Zakładka z wyszukiwarką danych komponentów |
|
TMPM333FDFG Arkusz danych(PDF) 7 Page - Toshiba Semiconductor |
|
TMPM333FDFG Arkusz danych(HTML) 7 Page - Toshiba Semiconductor |
7 / 24 page A sample application using Barcode Read Control CCD trigger output ADC #2 8 ch 0.5 s 1.0 s CCD data output PMD 2 ch 12-bit ADC 12-bit ADC SIO/UART I2C/SIO RAM NANO FLASHTM ARM CortexTM-M3 USB 2.0 Device USB 2.0 Host EtherMAC CAN 2.0 SSP (SPImode) M M Data 2 Data 4 Data 6 Data 1 Data 3 ADC #1 Data 5 Trigger Timer SW The TMPM369 contains 2 units of ADC. Their combined use provides high-speed AD conversion. While a single ADC offers a minimum conversion time of 1.0 s at 80 MHz, applying an analog signal to 2 units of ADC and using them in a time-interleaved manner significantly reduces the conversion time required*. *0.5 s minimum (design target) High-speed AD conversion – Using 2 units of AD converter The TMPM369 has various external communication interfaces such as USB device, USB host, CAN, EtherMAC, SIO/UART, I2C/SIO and SSP (SPI mode). Additionally, the TMPM369 contains 2 units of AD converter and a programmable motor driver (PMD). All of them are designed to operate independently, significantly reducing the software workload. The TMPM369 provides Flash ROM of up to 512 KB and SRAM of up to 128 KB to facilitate the use of the various communication interfaces. Controls various interfaces independently – Contributing to reduction of the CPU workload Features of the TMPM369FDFG/XBG (Under Development) and TMPM369FYFG/XBG (Under Development) – 7 – |
Podobny numer części - TMPM333FDFG |
|
Podobny opis - TMPM333FDFG |