Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMPM363F10FG Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TMPM363F10FG
Szczegółowy opis  32-Bit Microcontrollers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPM363F10FG Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TMPM363F10FG Datasheet HTML 1Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 2Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 3Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 4Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 5Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 6Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 7Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 8Page - Toshiba Semiconductor TMPM363F10FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Image Processing Section
Timing Signals
AF Control
Shutter Control
Aperture Control
Other Signals
Camera Control Section
Analog
Front
End
USB
IEEE 1394
Wireless/Infrared
AE
Sensor
AF
Sensor
DRAM
Camera Keys
& Switches
Memory
Card
Lens Control
TMPM341
Picture
Display
LCD
DSC Signal
Processor
Contains a graphics engine.
Battery Control
Information Display
LCD
LCD Driver
System Control
TMP19A44
Performs picture
display tasks.
Performs the main
processing of the camera
control section.
Provides lens control.
Area
Sensor
Capture Section
System Control
Section
Display Section
Storage
The image processing and camera
control sections are designed to
operate independently to improve
image processing performance and
speed up multi-point autofocus.
The M340 Group of microcontrollers are ideal for digital video camera, digital still camera and camera lens control
applications. They incorporate analog circuits required for optical image stabilization, autofocus and auto-exposure control.
The high-performance ARM CortexTM-M3 core provides high-speed computation functionality. Additionally, a high-resolution
programmable phase generator (PPG) enables smooth and quiet motor operation.
High-performance ARM CortexTM-M3 core: 54-MHz operation (max)
Toshiba-original NANO FLASHTM memory: Fast programming
High-resolution PPG (programmable phase difference of up to ± 90˚): 160 MHz (max)
High-speed, high-accuracy 12-bit AD converter; 10-bit DA converter
Oscillation frequency detection (OFD)
Various timers and serial interfaces
2-phase pulse counter
Small package (6 x 6 mm TFBGA113)
Digital video cameras
Digital still cameras
Camera lens
Product Lineup
System Block Diagram (Digital Still Camera)
TMPM341FYXBG **
TMPM341FDXBG
Part Number
256 KB
512 KB
32 KB
32 KB
TFBGA113 (6 x 6 mm)
TFBGA113 (6 x 6 mm)
ROM (Flash)
Size
RAM
Size
Package
12-bit AD converter (1 s),
10-bit DA converter
High-resolution PPG: 160 MHz (max); ideal for ultrasonic motor
control
Features
**: Under development
Features
Application
5
M340 Group


Podobny numer części - TMPM363F10FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
TRACO Electronic AG
TMPM-04 TRACOPOWER-TMPM-04 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04103 TRACOPOWER-TMPM-04103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04105 TRACOPOWER-TMPM-04105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04109 TRACOPOWER-TMPM-04109 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMPM-04112 TRACOPOWER-TMPM-04112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

Podobny opis - TMPM363F10FG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ATMEL Corporation
AVR32918 ATMEL-AVR32918 Datasheet
373Kb / 13P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F627 FUJITSU-MB91F627 Datasheet
565Kb / 96P
   32-bit Microcontrollers
logo
ATMEL Corporation
AVR32000 ATMEL-AVR32000 Datasheet
43Kb / 6P
   32-bit Microcontrollers
logo
Fujitsu Component Limit...
MB91F610A FUJITSU-MB91F610A Datasheet
517Kb / 104P
   32-bit Microcontrollers
logo
List of Unclassifed Man...
NUC230LC2AE ETC2-NUC230LC2AE Datasheet
2Mb / 97P
   32-bit microcontrollers
logo
Fujitsu Component Limit...
MB91470 FUJITSU-MB91470 Datasheet
987Kb / 90P
   32-bit Microcontrollers
MB91150 FUJITSU-MB91150 Datasheet
926Kb / 105P
   32-bit Proprietary Microcontrollers
MB91265A FUJITSU-MB91265A Datasheet
394Kb / 55P
   32-bit Proprietary Microcontrollers
logo
ATMEL Corporation
AT91SC512384-8M ATMEL-AT91SC512384-8M Datasheet
145Kb / 3P
   32-bit Secure Microcontrollers
AT91SC464384RCU ATMEL-AT91SC464384RCU Datasheet
72Kb / 5P
   32-bit Secure Microcontrollers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com