Zakładka z wyszukiwarką danych komponentów
Selected language     Polish  ▼
Nazwa części
         Szczegóły


CXA2513M Datasheet(Arkusz danych) 4 Page - Sony Corporation

Numer części CXA2513M
Szczegółowy opis  3-Band Preset Graphic Equalizer IC (with standby and memory on last preset mode)
Pobierz  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo 

 
 4 page
background image
– 4 –
CXA2513M
Pin
No.
7
14
IN1
IN2
Signal input pin.
VCC/2
50k
Symbol
Voltage
I/O
resistance
Equivalent circuit
Description
7
14
GND
VCC
50k
147
5k
11.5k
8
ISET
Reference current setting pin
(for graphic equalizer).
Normally 160k
Ω resistor is
connected.
1.2V
GND
VCC
147
300
8
9
REF
Signal reference voltage pin.
A capacitor is connected for
ripple rejection.
VCC/2
40k
GND
VCC
9
147
80k
80k
300
300
10
11
OUT1
OUT2
Signal output pin.
VCC/2
0
11
GND
VCC
10
300
300
NPN




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download



Powiązane numery części

Numer częściSzczegółowy opis komponentówHtml ViewProducent
LRI64Memory TAG IC 64-bit Unique ID with WORM User Area 13.56MHz ISO15693 and ISO18000-3 Mode 1 Compliant 1 2 3 4 5 MoreSTMicroelectronics
LRIS2KMemory TAG IC 64 bit UID 2048 bit EEPROM with Password 13.56MHz ISO15693 and ISO18000-3 Mode 1 compliant 1 2 3 4 5 MoreSTMicroelectronics
NE57814DDR memory termination regulator with standby mode and enhanced efficiency 1 2 3 4 5 MoreNXP Semiconductors
TS472Very Low Noise Microphone Preamplifier with 2V Biased Output and Active Low Standby Mode 1 2 3 4 5 MoreSTMicroelectronics
LM4731Stereo 25W Audio Power Amplifier with Mute and Standby Modes 1 2 3 4 5 MoreNational Semiconductor (TI)
COP87L88EB8-Bit CMOS OTP Microcontrollers with 16k or 32k Memory CAN Interface 8-Bit A/D and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
COP8FG8-Bit CMOS ROM Based and OTP Microcontrollers with 8k to 32k Memory Two Comparators and USART 1 2 3 4 5 MoreNational Semiconductor (TI)
SAA5249Integrated VIP and Teletext with Background Memory Controller IVT1.1BMCX 1 2 3 4 5 MoreNXP Semiconductors
SN5476DUAL J-K FLIP-FLOPS WITH PRESET AND CLEAR 1 2 3 4 5 MoreTexas Instruments
SN54ALS112ADUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET 1 2 3 4 5 MoreTexas Instruments

Link URL

Czy Alldatasheet okazała się pomocna?  [ DONATE ]  

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Dodaj do ulubionych   |   Linki   |   Lista producentów
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl