Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2542Q Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA2542Q
Szczegółowy opis  RF Signal Processing Servo Amplifier for CD Player
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2542Q Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA2542Q Datasheet HTML 6Page - Sony Corporation CXA2542Q Datasheet HTML 7Page - Sony Corporation CXA2542Q Datasheet HTML 8Page - Sony Corporation CXA2542Q Datasheet HTML 9Page - Sony Corporation CXA2542Q Datasheet HTML 10Page - Sony Corporation CXA2542Q Datasheet HTML 11Page - Sony Corporation CXA2542Q Datasheet HTML 12Page - Sony Corporation CXA2542Q Datasheet HTML 13Page - Sony Corporation CXA2542Q Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 49 page
background image
– 10 –
CXA2542Q
TEST
T1
T2
T3
T4
T5
T6
T7
T8
T9
T10
T11
T12
T13
T14
T15
T16
T17
T18
T19
T20
Current
consumption 1
Current
consumption 2
Center amplifier
output offset
Offset
Voltage gain
Max. output
amplitude - High
Max. output
amplitude - Low
Offset
Voltage gain 1
Voltage gain 2
Voltage gain
difference
Max. output
voltage – High
Max. output
voltage – Low
BIAS0
BIAS1
BIAS2
BIAS3
BIAS4
BIAS5
BIAS6
19 (OFF)
19 (OFF)
19 (OFF)
10, 13
10, 13
10, 13
10
13
13
10
RST
RST
RST
RST
RST
RST
RST
39F
39F
39F
39F
39F
39F
3BF
3BE
3BD
3BB
3B7
3AF
39F
17
40
36
37
36
37
36
37
36
37
37
36
17
40
46
31
31
31
31
48
48
48
48
48
48
48
48
48
48
48
48
1kHz I/O ratio
V2 = 0.2VDC
V2 = 0.2VDC
1FB6: ON
1kHz I/O ratio
1kHz I/O ratio
V2 = 100mVDC
V2 = 100mVDC
IFB1, 2, 3, 4, 5, 6:
OFF
IFB1: ON, BIAS0:
reference
IFB2: ON, BIAS0: reference
Output gain difference with T15
IFB3: ON, BIAS0: reference
Output gain difference with V17
IFB4: ON, BIAS0: reference
Output gain difference with V18
IFB5: ON, BIAS0: reference
Output gain difference with V19
IFB6: ON, BIAS0: reference
Output gain difference with V20
12.2
–25.4
–100
–50
24.5
1.2
–120
26
26
–3
1
560
–29.0
5
5
5
5
5
18.8
–18.8
0
0
27.5
1.3
–0.6
0
29
29
0
1.3
–1.3
718
–22.7
6
6
6
6
6
25.4
–12.2
100
50
30.5
–0.3
120
32
32
3
–1
1042
–16.5
7
7
7
7
7
mA
mA
mV
mV
dB
V
V
mV
dB
dB
dB
V
V
mV
mV
dB
dB
dB
dB
dB
Item
SW conditions
(ON switches)
SD
Input
pin
Measurement
conditions
Min.
Typ.
Max.
Unit
Electrical Characteristics
(VCC = 1.5V, VEE = 1.5V, Topr = 25°C)
Measure-
ment pin


Podobny numer części - CXA2542Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2542 SONY-CXA2542 Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542 SONY-CXA2542 Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
More results

Podobny opis - CXA2542Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AR SONY-CXA2542AR Datasheet
625Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA2542AQ SONY-CXA2542AQ Datasheet
616Kb / 49P
   RF Signal Processing Servo Amplifier for CD Player
CXA1782BQ SONY-CXA1782BQ Datasheet
1Mb / 31P
   RF Signal Processing Servo Amplifier for CD player
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
CXA1082BQ SONY-CXA1082BQ Datasheet
753Kb / 33P
   Servo Signal Processor for CD Player
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
Sony Corporation
CXA1992R SONY-CXA1992R Datasheet
890Kb / 49P
   RF Signal Processing Servo Amplifier
CXA1992AR SONY-CXA1992AR Datasheet
714Kb / 49P
   RF Signal Processing Servo Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com