Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC14174BDG Arkusz danych(PDF) 4 Page - ON Semiconductor

Numer części MC14174BDG
Szczegółowy opis  Hex Type D Flip-Flop
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC14174BDG Arkusz danych(HTML) 4 Page - ON Semiconductor

  MC14174BDG Datasheet HTML 1Page - ON Semiconductor MC14174BDG Datasheet HTML 2Page - ON Semiconductor MC14174BDG Datasheet HTML 3Page - ON Semiconductor MC14174BDG Datasheet HTML 4Page - ON Semiconductor MC14174BDG Datasheet HTML 5Page - ON Semiconductor MC14174BDG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
MC14174B
http://onsemi.com
4
SWITCHING CHARACTERISTICS (Note 5) (CL = 50 pF, TA = 25_C)
Characteristic
Symbol
VDD
Vdc
All Types
Unit
Min
Typ
(Note 6)
Max
Output Rise and Fall Time
tTLH, tTHL = (1.35 ns/pF) CL + 32 ns
tTLH, tTHL = (0.6 ns/pF) CL + 20 ns
tTLH, tTHL = (0.4 ns/pF) CL + 20 ns
tTLH, tTHL
5.0
10
15
100
50
40
200
100
80
ns
Propagation Delay Time — Clock to Q
tPLH, tPHL = (0.9 ns/pF) CL + 165 ns
tPLH, tPHL = (0.36 ns/pF) CL + 64 ns
tPLH, tPHL = (0.26 ns/pF) CL + 52 ns
tPLH, tPHL
5.0
10
15
210
85
65
400
160
120
ns
Propagation Delay Time — Reset to Q
tPHL = (0.9 ns/pF) CL + 205 ns
tPHL = (0.36 ns/pF) CL + 79 ns
tPHL = (0.26 ns/pF) CL + 62 ns
tPHL
5.0
10
15
250
100
75
500
200
150
ns
Clock Pulse Width
tWH
5.0
10
15
150
90
70
75
45
35
ns
Reset Pulse Width
tWL
5.0
10
15
200
100
80
100
50
40
ns
Clock Pulse Frequency
fcl
5.0
10
15
7.0
12
15.5
2.0
5.0
6.5
mHz
Clock Pulse Rise and Fall Time
tTLH, tTHL
5.0
10
15
15
5.0
4.0
ms
Data Setup Time
tsu
5.0
10
15
40
20
15
20
10
0
ns
Data Hold Time
th
5.0
10
15
80
40
30
40
20
15
ns
Reset Removal Time
trem
5.0
10
15
250
100
80
125
50
40
ns
5. The formulas given are for the typical characteristics only at 25_C.
6. Data labelled “Typ” is not to be used for design purposes but is intended as an indication of the IC’s potential performance.


Podobny numer części - MC14174BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC14174BDG ONSEMI-MC14174BDG Datasheet
108Kb / 5P
   Hex Type D Flip?묯lop
June, 2006 ??Rev. 6
More results

Podobny opis - MC14174BDG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
MM74C174 FAIRCHILD-MM74C174 Datasheet
54Kb / 6P
   Hex D-Type Flip-Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B_13 Datasheet
143Kb / 6P
   Hex Type D Flip-Flop
May, 2013 ??Rev. 8
logo
Texas Instruments
CD74AC174 TI1-CD74AC174_14 Datasheet
833Kb / 14P
[Old version datasheet]   HEX D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
CD40174BC FAIRCHILD-CD40174BC Datasheet
58Kb / 7P
   Hex D-Type Flip-Flop 쨌 Quad D-Type Flip-Flop
logo
Hitachi Semiconductor
HD14174B HITACHI-HD14174B Datasheet
74Kb / 7P
   Hex D-type Flip Flop
logo
ON Semiconductor
MC14174B ONSEMI-MC14174B Datasheet
170Kb / 8P
   Hex Type D Flip-Flop
March, 2000 ??Rev. 3
logo
NXP Semiconductors
HEF40174B PHILIPS-HEF40174B Datasheet
62Kb / 5P
   Hex D-type flip-flop
January 1995
logo
ON Semiconductor
MC14174B_0008 ONSEMI-MC14174B_0008 Datasheet
95Kb / 8P
   Hex Type D Flip-Flop
August, 2000 ??Rev. 4
logo
Texas Instruments
CD40174B TI-CD40174B Datasheet
215Kb / 5P
[Old version datasheet]   CMOS HEX D-TYPE FLIP-FLOP
logo
Renesas Technology Corp
CD40174BMS RENESAS-CD40174BMS Datasheet
332Kb / 8P
   CMOS Hex ‘D’-Type Flip-Flop
Jan 13, 2017
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com