Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2555Q Arkusz danych(PDF) 5 Page - Sony Corporation

Numer części CXA2555Q
Szczegółowy opis  RF Amplifier for CD Player/CD-ROM
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2555Q Arkusz danych(HTML) 5 Page - Sony Corporation

  CXA2555Q Datasheet HTML 1Page - Sony Corporation CXA2555Q Datasheet HTML 2Page - Sony Corporation CXA2555Q Datasheet HTML 3Page - Sony Corporation CXA2555Q Datasheet HTML 4Page - Sony Corporation CXA2555Q Datasheet HTML 5Page - Sony Corporation CXA2555Q Datasheet HTML 6Page - Sony Corporation CXA2555Q Datasheet HTML 7Page - Sony Corporation CXA2555Q Datasheet HTML 8Page - Sony Corporation CXA2555Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
– 5 –
CXA2555Q
18
CP
Connects a mirror hold
capacitor.
Non-inverted input of mirror
comparator.
I
18
80k
1.5k
147
19
MIRR
Mirror comparator output.
O
19
20k
40k
100k
147
21
22
RFO 2
RFO 1
Buffer switch output for the RF
time constant setting for Pin 21.
ON when Pins 23 and 24 are
connected to GND.
EQ signal output for Pin 22.
O
O
20
VCC
Power supply.
23
MODE 2
I
24
MODE 1
I
25
APC ON
I
21
22
147
147
3k
23
147
40k
10k
24
147
10k
40k
25
100k
147
× 1
× N
× 1.5N
× 2.0N
GND
VCC
GND
VCC
GND
GND
VCC
VCC
Mode 1
Mode 2
Double-speed mode switching
input.
N is varied according to the
external resistor connected to
Pin 26.
Switching pin for APC amplifier
ON/OFF.
OFF when connected to Vcc;
ON when connected to GND.
Pin
No.
Symbol
I/O
Equivalent circuit
Description


Podobny numer części - CXA2555Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557 SONY-CXA2557 Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
More results

Podobny opis - CXA2555Q

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2557R SONY-CXA2557R Datasheet
543Kb / 35P
   RF Amplifier for CD Player/CD-ROM
CXA2525AM SONY-CXA2525AM Datasheet
269Kb / 13P
   RF Amplifier for CD Player and CD-ROM
CXA2521AQ SONY-CXA2521AQ Datasheet
341Kb / 17P
   RF AMPLIFIER FOR CD PLAYER AND CD-ROM
CXA2515AM SONY-CXA2515AM Datasheet
270Kb / 13P
   RF Amplifier for CD Player and CD-ROM
logo
New Japan Radio
NJM2117 NJRC-NJM2117 Datasheet
400Kb / 16P
   RF AMPLIFIER FOR CD PLAYER
logo
STMicroelectronics
STA1052 STMICROELECTRONICS-STA1052 Datasheet
189Kb / 14P
   DSP/MCU system for CD-DA, CD-CA, CD-ROM player
logo
Panasonic Semiconductor
AN8735NSB PANASONIC-AN8735NSB Datasheet
51Kb / 5P
   2-channel linear driver IC for CD/CD-ROM player
MN662785TBUC PANASONIC-MN662785TBUC Datasheet
1Mb / 89P
   LSI FOR COMPACT DISC/CD ROM PLAYER
logo
Sony Corporation
CXA1372BQ SONY-CXA1372BQ Datasheet
710Kb / 32P
   RF Signal Processing Servo Amplifier for CD Player
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com