Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2559 Arkusz danych(PDF) 10 Page - Sony Corporation

Numer części CXA2559
Szczegółowy opis  Playback Equalizer Amplifier with Music Sensor
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2559 Arkusz danych(HTML) 10 Page - Sony Corporation

Back Button CXA2559 Datasheet HTML 6Page - Sony Corporation CXA2559 Datasheet HTML 7Page - Sony Corporation CXA2559 Datasheet HTML 8Page - Sony Corporation CXA2559 Datasheet HTML 9Page - Sony Corporation CXA2559 Datasheet HTML 10Page - Sony Corporation CXA2559 Datasheet HTML 11Page - Sony Corporation CXA2559 Datasheet HTML 12Page - Sony Corporation CXA2559 Datasheet HTML 13Page - Sony Corporation CXA2559 Datasheet HTML 14Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
– 10 –
CXA2559Q
Electrical Characteristics Measurement Circuit
Audio
SG
PBFB2
PBRIN2
PBGND
PBFIN2
VCT
PBREF
PBFIN1
PBGND
PBRIN1
PBFB1
MSMODE
DRSW
TAPESW
MUTESW
NC
NC
MSOUT
MSTC
G1FB
G2FB
VCC
C11
C10
22µ
C16
2.2µ
C15
270p
C9
2.2µ
C17
2.2µ
GND
21
22
23
24
25
26
27
28
29
30
40
39
38
37
36
35
34
31
32
33
11
12
13
14
15
16
17
18
19
20
2
3
4
5
6
7
8
9
10
1
C24
0.1µ
C23
4.7n
R16
100k
R22
10k S16
MUTESW
H/L
TAPESW
H/L
DRSW
H/L
MSMODE
H/L
MSSW
H/L
DVCC
Power
Supply
A
DC Ammeter
GND GND
CCIR/ARM
"A" WTG
DIN Audio
1kHz BPF
DC
Voltmeter
0dB or 30dB
Amp
OFF: 0dB
ON : 30dB
R28
50k
S22
S27
S26
S25
S24
S23
+20dB
+20dB
AC
Voltmeter
Distortion
Analyzer
Oscilloscope
S21
S20
S19
S18
S17
R27 10k
R26 100
R25 10k
R24 100
R23 10k
S15
S14
S13
S12
R21 10k
R20 100
R19 10k
R18 100
C6
0.01µ
S1
C1
2.2µ
R3
680
R4
680
S2
C2
2.2µ
C3
22µ
S3
C4
2.2µ
R6
680
R5
680
S4
C5
2.2µ
C7
0.01µ
R2
270
C12
R1
270
∗ :
∗ :
Notes1. Resistor tolerance
2. Capacitor tolerance
Coupling Capacitor
±5%
±1%
±5%
±2%
±10%
R17
1MEG
R15
39k
R14
3.9k
C22
0.47µ
R7
2.7k
C8
2.2µ
CXA2559Q
R8
2.7k


Podobny numer części - CXA2559

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2550M SONY-CXA2550M Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2550N SONY-CXA2550N Datasheet
214Kb / 15P
   RF Amplifier for CD Players
CXA2555Q SONY-CXA2555Q Datasheet
331Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556 SONY-CXA2556 Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
CXA2556Q SONY-CXA2556Q Datasheet
318Kb / 22P
   RF Amplifier for CD Player/CD-ROM
More results

Podobny opis - CXA2559

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2509AQ SONY-CXA2509AQ Datasheet
433Kb / 21P
   Playback Equalizer Amplifier with Music Sensor
CXA1898Q SONY-CXA1898Q Datasheet
660Kb / 26P
   Recording/Playback Equalizer Amplifier
CXA1998BQ SONY-CXA1998BQ Datasheet
488Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA1998AQ SONY-CXA1998AQ Datasheet
695Kb / 28P
   Recording/Playback Equalizer Amplifier
CXA2510AQ SONY-CXA2510AQ Datasheet
447Kb / 21P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA2560Q SONY-CXA2560Q Datasheet
310Kb / 19P
   Dolby B Type Noise Reduction System with Playback Equalizer Amplifier
CXA1498S SONY-CXA1498S Datasheet
378Kb / 13P
   Recording/Playback Equalizer Amplifier for Stereo Tape Recorder
CXA2511AQ SONY-CXA2511AQ Datasheet
565Kb / 21P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA2561Q SONY-CXA2561Q Datasheet
324Kb / 20P
   Dolby B-C Type Noise Reduction System with Playback Equalizer Amplifier
CXA1878Q SONY-CXA1878Q Datasheet
1Mb / 36P
   Dolby B-C Type Noise Reduction System with Recording/Playback Equalizer Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com