Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2581N Arkusz danych(PDF) 8 Page - Sony Corporation

Numer części CXA2581N
Szczegółowy opis  RF Signal Processor for CD Players
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2581N Arkusz danych(HTML) 8 Page - Sony Corporation

Back Button CXA2581N Datasheet HTML 4Page - Sony Corporation CXA2581N Datasheet HTML 5Page - Sony Corporation CXA2581N Datasheet HTML 6Page - Sony Corporation CXA2581N Datasheet HTML 7Page - Sony Corporation CXA2581N Datasheet HTML 8Page - Sony Corporation CXA2581N Datasheet HTML 9Page - Sony Corporation CXA2581N Datasheet HTML 10Page - Sony Corporation CXA2581N Datasheet HTML 11Page - Sony Corporation CXA2581N Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
– 8 –
CXA2581N
Pin
No.
Symbol
I/O
Equivalent circuit
Description
VC
2k
124
1mA
28
29
124
VC
10k
124
24k
15k
30
28
O
RFDC
RFDC amplifier output.
29
I
RFDCI
RFDC amplifier gain
adjustment.
The gain is adjusted by the
external resistance value
connected between this pin
and Pin 28.
30
I
DC_OFST
RFDC amplifier offset control.


Podobny numer części - CXA2581N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2586 SONY-CXA2586 Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
CXA2586 SONY-CXA2586 Datasheet
41Kb / 2P
   Ultrahigh-Speed (100 MHz) Photodetector IC
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results

Podobny opis - CXA2581N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sony Corporation
CXA2647N SONY-CXA2647N Datasheet
268Kb / 23P
   RF Signal Processor for CD Players
logo
Sanyo Semicon Device
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9241M SANYO-LA9241M Datasheet
279Kb / 21P
   Analog Signal Processor ASP for CD players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
logo
Sony Corporation
CXA1782CQ SONY-CXA1782CQ Datasheet
763Kb / 31P
   RF Signal Processing Servo Amplifier for CD players
CXA1982Q SONY-CXA1982Q Datasheet
652Kb / 30P
   RF Signal Processing Servo Amplifier for CD players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com