Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CXA2598M Arkusz danych(PDF) 3 Page - Sony Corporation

Numer części CXA2598M
Szczegółowy opis  PDIC for CD-R/RW
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SONY [Sony Corporation]
Strona internetowa  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXA2598M Arkusz danych(HTML) 3 Page - Sony Corporation

  CXA2598M Datasheet HTML 1Page - Sony Corporation CXA2598M Datasheet HTML 2Page - Sony Corporation CXA2598M Datasheet HTML 3Page - Sony Corporation CXA2598M Datasheet HTML 4Page - Sony Corporation CXA2598M Datasheet HTML 5Page - Sony Corporation CXA2598M Datasheet HTML 6Page - Sony Corporation CXA2598M Datasheet HTML 7Page - Sony Corporation CXA2598M Datasheet HTML 8Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
– 3 –
CXA2598M
Measurement Circuit
1
2
3
4
5
7
8
9
10
11
12
6
Vcc
Vcc
Ho
Ao
Bo
Fo
Vc
Vc
GND
Go
Do
Co
Eo
RF
∗ All loads are 2.5kΩ//20pF.
Photodetector Position
12
Top view
7
16
Center of package
45 deg.
0.52
Reference
surface
Surface that senses
the indident light
(Unit : mm)
Deviation from the center of photodetector
X, Y :
±0.2
Z:
±0.2
θ
:
±2°


Podobny numer części - CXA2598M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cree, Inc
CXA2590 CREE-CXA2590 Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35F CREE-CXA2590-0000-000R00AB35F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AB35H CREE-CXA2590-0000-000R00AB35H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40F CREE-CXA2590-0000-000R00AD40F Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
CXA2590-0000-000R00AD40H CREE-CXA2590-0000-000R00AD40H Datasheet
1Mb / 16P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
More results

Podobny opis - CXA2598M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
43148 ETC2-43148 Datasheet
38Kb / 1P
   CD-R/RW Media
logo
Roithner LaserTechnik G...
ADL-78901TL ROITHNER-ADL-78901TL Datasheet
347Kb / 2P
   Virtual keyboard CD R/RW
logo
Rohm
BB6390KU ROHM-BB6390KU Datasheet
178Kb / 6P
   Control IC for CD-R/RW, DVDR/RW, DVD-RAM drive
BB6381KU ROHM-BB6381KU Datasheet
166Kb / 6P
   Control IC for CD-R/RW drive
logo
Roithner LaserTechnik G...
ADL-78901TX ROITHNER-ADL-78901TX Datasheet
112Kb / 1P
   Virtual keyboard CD R/RW
logo
NXP Semiconductors
TZA1027 PHILIPS-TZA1027 Datasheet
87Kb / 16P
   Analog current buffer for CD-R and CD-RW systems
1999 Sep 17
logo
Sony Corporation
CXA2726GA SONY-CXA2726GA Datasheet
290Kb / 37P
   PDIC for DVD-RW and RAM
logo
Cirrus Logic
CL-CR3470 CIRRUS-CL-CR3470 Datasheet
122Kb / 4P
   ATAPI CD-R/RW Encoder/Decoder
July 1998
logo
Samsung semiconductor
MAX-B550 SAMSUNG-MAX-B550 Datasheet
6Mb / 24P
   THREE-CD CHANGER MINI-COMPACT SYSTEM CD-R/RW PLAYBACK
logo
Sony Corporation
CXA2586M SONY-CXA2586M Datasheet
91Kb / 8P
   PDIC for CD-ROM/DVD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com