Zakładka z wyszukiwarką danych komponentów |
|
ISLA224P12 Arkusz danych(PDF) 4 Page - Intersil Corporation |
|
ISLA224P12 Arkusz danych(HTML) 4 Page - Intersil Corporation |
4 / 44 page 4 Intersil Signal Path Products 2012 www.intersil.com Key Products Intersil’s Solutions For Process Control Product Type Part Number Where Used in Process Control Key Features / Benefits Precision Amplifiers 40V ISL28127/227, ISL28117/217/417, ISL28107/207/407, ISL28108/208/408, ISL28118/218, ISL28110/210 Low Drift 5V ISL28134, ISL28133/233/433, ISL28148/248, ISL28136/236, EL8176 ⋅ In analog input modules to signal condition incoming signals ⋅ In analog output modules for driving signals to the outside world ⋅ Wide operating voltage range ⋅ Single or dual supply ⋅ Low offset & drift Digital Potentiometers Dual Supply Non-volatile 256-tap ISL223x3 (I2C), ISL224x4 (SPI) Single Supply Non-volatile 128-tap ISL223x6 (I2C), ISL224x6 (SPI) ⋅ Sensor compensation ⋅ Non-volatile settings ⋅ Digitally settable resistance or voltage ⋅ 1st DCP with memory to operate up to 125°C ⋅ Ideal for Industrial applications Instrumentation Amplifiers Low Power, Integrated Solution EL8172/73 40V Precision, Low Noise In-Amp, Integrated Solution ISL28617 Ultra Low Power 5V, Customize (Roll Your Own) ISL28194 Low Cost 5V Customize (Roll Your Own) ISL28230 ⋅ Sensor front ends ⋅ Low noise ⋅ Low power ⋅ High CMRR ⋅ Low drift Voltage References Low Noise ISL21009, ISL21090, ISL21400 ⋅ Used as active sources for sensors ⋅ Low tempco ⋅ Low drift ⋅ Low power Low Cost ISL21070, ISL21080, ISL60002, ISL21010 ⋅ Accurate voltage sources for data conversion Switches / MUXes HI-509A, HI-546, DG408, DG409 ⋅ Direct sensor interface ⋅ In front of actuator buffer amps ⋅ Over-voltage protected ⋅ Latch-up free ⋅ Low leakage Interface RS-232 ISL4221E, ISL3232E, ISL4243E RS-485 ISL317xE, ISL315xE, ISL3249xE ⋅ System and control ⋅ High ESD protection ⋅ Small packages ⋅ Over voltage protected RTCs ISL12024, ISL12025, ISL12026 ⋅ Standalone controllers ⋅ Remote monitors ⋅ Data recorders ⋅ System monitors ⋅ System power supervision with watchdog and power-on reset ⋅ Onboard 512-bit EEPROM storage ⋅ 64-bit Factory-programmed Unique ID ⋅ IRQ, frequency outputs Analog-Digital Converters 24-bit Delta-Sigma ADCs ISL26132, ISL26134 ⋅ Low-cost load, pressure/temperature sensing ⋅ Lowest noise/high accuracy at low cost ⋅ Complete solution ⋅ Easy to use ISL26102, ISL26104 ⋅ Precision weigh scales, dynamic weighing, pressure sensing, safety monitors ⋅ Industry-leading low noise up to 4000SPS ⋅ Integrated PGA ensures measurement accuracy ⋅ Cost-effective high-performance solution 10, 12-bit SAR ADCs ISL263xx Multichannel Family 125kSPS, 250kSPS ⋅ Temperature pressure, flow/vibration sensors ⋅ Multichannel modules and systems ⋅ Cost-effective multiple-channel monitoring ⋅ Buffered inputs reduce board space, solution cost ⋅ Low power, low cost Sensor Modules Analog Signal Input Module Control Module Temperature Sensors Pressure Flow Sensors Forces or Strain Sensors Microcontroller Current RTC Voltage Monitors & Watchdog Interface RS-232 RS-485 Vibration Precision Amps VREF Digital Potentiometers Sensor Compensation ADC 24-bit Low Noise ∆ ∑ Low Noise VREF 2.5V Vocm 2.5V Gain/Attenuation Select 1 to N Inputs to Multi-channel Instrumentation Amp +28V Analog Control Feedback Multi-channel ADC Inputs +15V - 15V HI-509 Diff 4:1 Mux FB+ FB- Rfb Rin Out+ Out- IN+ IN- DCP VREF DC Adjust R1 R2 R3 R4 Current Shunt Sense DAQ Inputs +/-5V +/-10V 0V to 30V mΩ ∆V = 100mV ∆V = 1V Bridge Sensor In Transducer In From Motor Control Block VREF Low Noise VREF 5V, 7V, 10V Active Source to Bridge Sensor Sensor Calibration DCP VREF N-ch Mux |
Podobny numer części - ISLA224P12 |
|
Podobny opis - ISLA224P12 |