Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC74VHCT257ADR2G Arkusz danych(PDF) 3 Page - ON Semiconductor

Numer części MC74VHCT257ADR2G
Szczegółowy opis  Quad 2-Channel Multiplexer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHCT257ADR2G Arkusz danych(HTML) 3 Page - ON Semiconductor

  MC74VHCT257ADR2G Datasheet HTML 1Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 2Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 3Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 4Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 5Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 6Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 7Page - ON Semiconductor MC74VHCT257ADR2G Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MC74VHCT257A
http://onsemi.com
3
MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Positive DC Supply Voltage
−0.5 to +7.0
V
VIN
Digital Input Voltage
−0.5 to +7.0
V
VOUT
DC Output Voltage
Output in 3−State
High or Low State
−0.5 to +7.0
−0.5 to VCC +0.5
V
IIK
Input Diode Current
−20
mA
IOK
Output Diode Current
$20
mA
IOUT
DC Output Current, per Pin
$25
mA
ICC
DC Supply Current, VCC and GND Pins
$75
mA
PD
Power Dissipation in Still Air
SOIC Package
TSSOP
200
180
mW
TSTG
Storage Temperature Range
−65 to +150
°C
VESD
ESD Withstand Voltage
Human Body Model (Note 1)
Machine Model (Note 2)
Charged Device Model (Note 3)
>2000
>200
>2000
V
ILATCHUP
Latchup Performance
Above VCC and Below GND at 125°C (Note 4)
$300
mA
qJA
Thermal Resistance, Junction−to−Ambient
SOIC Package
TSSOP
143
164
°C/W
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.
1. Tested to EIA/JESD22−A114−A
2. Tested to EIA/JESD22−A115−A
3. Tested to JESD22−C101−A
4. Tested to EIA/JESD78
RECOMMENDED OPERATING CONDITIONS
Symbol
Characteristics
Min
Max
Unit
VCC
DC Supply Voltage
4.5
5.5
V
VIN
DC Input Voltage
0
5.5
V
VOUT
DC Output Voltage
0
5.5
V
TA
Operating Temperature Range, all Package Types
−55
125
°C
tr, tf
Input Rise or Fall Time
VCC = 5.0 V + 0.5 V
0
20
ns/V
DEVICE JUNCTION TEMPERATURE VERSUS TIME TO
0.1% BOND FAILURES
Junction
Temperature °C
Time, Hours
Time, Years
80
1,032,200
117.8
90
419,300
47.9
100
178,700
20.4
110
79,600
9.4
120
37,000
4.2
130
17,800
2.0
140
8,900
1.0
1
1
10
100
1000
TIME, YEARS
FAILURE RATE OF PLASTIC = CERAMIC
UNTIL INTERMETALLICS OCCUR
Figure 4. Failure Rate vs. Time Junction Temperature


Podobny numer części - MC74VHCT257ADR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT257ADR2G ONSEMI-MC74VHCT257ADR2G Datasheet
102Kb / 7P
   Quad 2-Channel Multiplexer
October, 2014 ??Rev. 7
More results

Podobny opis - MC74VHCT257ADR2G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
MC74VHCT257A ONSEMI-MC74VHCT257A Datasheet
98Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
April, 2001 ??Rev. 1
MC74VHCT257A ONSEMI-MC74VHCT257A_04 Datasheet
99Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 2
MC74VHC257 ONSEMI-MC74VHC257_14 Datasheet
97Kb / 7P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2014 ??Rev. 6
MC74VHC257 ONSEMI-MC74VHC257 Datasheet
95Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
September, 2004 ??Rev. 3
MC74LVX257 ONSEMI-MC74LVX257 Datasheet
94Kb / 8P
   Quad 2-Channel Multiplexer with 3-State Outputs
March, 2005 ??Rev. 3
logo
Fairchild Semiconductor
74F258A FAIRCHILD-74F258A Datasheet
56Kb / 6P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Motorola, Inc
SN54LS257B MOTOROLA-SN54LS257B Datasheet
182Kb / 6P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ACT258 FAIRCHILD-74ACT258_07 Datasheet
284Kb / 10P
   Quad 2-Input Multiplexer with 3-STATE Outputs
logo
Texas Instruments
CY74FCT257T TI-CY74FCT257T Datasheet
330Kb / 12P
[Old version datasheet]   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
logo
Motorola, Inc
MC74F257A MOTOROLA-MC74F257A Datasheet
78Kb / 3P
   QUAD 2-INPUT MULTIPLEXER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com